データシートサーチシステム |
|
LC87F7NJ2A データシート(PDF) 4 Page - ON Semiconductor |
|
LC87F7NJ2A データシート(HTML) 4 Page - ON Semiconductor |
4 / 28 page LC87F7NJ2A www.onsemi.com 4 Interrupt Source Flags 31 sources, 10 vector addresses 1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of the level equal to or lower than the current interrupt are not accepted. 2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector address takes precedence. No. Vector Address Level Interrupt Source 1 00003H X or L INT0 2 0000BH X or L INT1 3 00013H H or L INT2/T0L/INT4/remote control receiver1 4 0001BH H or L INT3/base timer/INT5/ remote control receiver2 5 00023H H or L T0H/INT6 6 0002BH H or L T1L/T1H/INT7 7 00033H H or L SIO0/UART1 receive/ UART2 receive/T8L/T8H 8 0003BH H or L SIO1/UART1 transmit/ UART2 transmit 9 00043H H or L ADC/MIC/T6/T7/PWM4/PWM5 10 0004BH H or L Port 0/T4/T5 Priority levels X > H > L Of interrupts of the same level, the one with the smallest vector address takes precedence. IFLG (List of interrupt source flag function) 1) Shows a list of interrupt source flags that caused a branching to a particular vector address. Subroutine Stack Levels 2048 levels maximum (The stack is allocated in RAM.) High-speed Multiplication/Division Instructions 16 bits 8 bits (5 tCYC execution time) 24 bits 16 bits (12 tCYC execution time) 16 bits 8 bits (8 tCYC execution time) 24 bits 16 bits (12 tCYC execution time) Oscillation Circuits RC oscillation circuit (internal) : For system clock CF oscillation circuit : For system clock, with internal Rf and external Rd Crystal oscillation circuit : For low-speed system clock, with internal Rf and external Rd Multifrequency RC oscillation circuit (internal) : For system clock 1) Adjustable in ±4 (typ) increments from the selected center frequency. 2) Measures the frequency of the source oscillation clock using the input signal from XT1 as the reference. System Clock Divider Function Can run on low current. The minimum instruction cycle selectable from 300ns, 600ns, 1.2s, 2.4s, 4.8s, 9.6s, 19.2s, 38.4s, and 76.8 s (at a main clock rate of 10MHz). |
同様の部品番号 - LC87F7NJ2A |
|
同様の説明 - LC87F7NJ2A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |