データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F17C8A データシート(PDF) 4 Page - ON Semiconductor

部品番号 LC87F17C8A
部品情報  LC87F17C8A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F17C8A データシート(HTML) 4 Page - ON Semiconductor

  LC87F17C8A Datasheet HTML 1Page - ON Semiconductor LC87F17C8A Datasheet HTML 2Page - ON Semiconductor LC87F17C8A Datasheet HTML 3Page - ON Semiconductor LC87F17C8A Datasheet HTML 4Page - ON Semiconductor LC87F17C8A Datasheet HTML 5Page - ON Semiconductor LC87F17C8A Datasheet HTML 6Page - ON Semiconductor LC87F17C8A Datasheet HTML 7Page - ON Semiconductor LC87F17C8A Datasheet HTML 8Page - ON Semiconductor LC87F17C8A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LC87F17C8A
www.onsemi.com
4
Clock Output Function
<1> Can output a clock with a clock rate of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source oscillator clock
selected as the system clock.
<2> Can output the source oscillator clock for the subclock.
Interrupts
 49 sources, 10 vectors
<1> Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt
request of the level equal to or lower than the current interrupt level is not accepted.
<2> When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the
highest level takes precedence over the other interrupts. For interrupts of the same level, the interrupt
into the lowest vector address is given priority.
No.
Vector
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/UHC-A bus active/UHC-B bus active/USB bus active/remote control receive
4
0001BH
H or L
INT3/INT5/base timer/AIF asynchronous counter
5
00023H
H or L
T0H/INT6/UHC-A device connected, disconnected, resumed/SMIIC1
6
0002BH
H or L
T1L/T1H/INT7/AIF start/SMIIC0/UHC-B device connected, disconnected, resumed/
AIF FIFO empty
7
00033H
H or L
SIO0/USB bus reset/USB suspend/SCUART2 receive completed/SCUART2 receive FIFO full
8
0003BH
H or L
SIO1/SIO4/USB endpoint/USB-SOF/
SCUART2 buffer empty/SCUART2 transmission completed/AIF end
9
00043H
H or L
ADC/T6/T7/UHC-ACK/UHC-NAK/UHC error/UHC-STALL
10
0004BH
H or L
Port 0/PWM0/PWM1/T4/T5/UHC-SOF/CRC
 Priority levels X > H > L
 When interrupts of the same level occur at the same time, the interrupt with the lowest vector address is given
priority.
Subroutine Stack Levels : Up to 4096 levels (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
 16 bits × 8 bits (5 tCYC execution time)
 24 bits × 16 bits (12 tCYC execution time)
 16 bits ÷ 8 bits (8 tCYC execution time)
 24 bits ÷ 16 bits (12 tCYC execution time)
Oscillator Circuit and PLL
 Medium-speed RC oscillator circuit (internal): For system clock (approx. 1 MHz)
 Low-speed RC oscillator circuit (internal)
: For system clock, timer, and watchdog timer (approx. 30 kHz)
 CF oscillator circuit
: For system clock
 Crystal oscillator circuit
: For system clock and time-of-day clock
 PLL circuit (internal)
: For USB interface (see Fig. 5) and audio interface (see Fig. 6)
Internal Reset Functions
 Power-on reset (POR) function
<1> POR is activated at power-on.
<2> POR release voltage can be selected from 8 levels (1.67V, 1.97V, 2.07V, 2.37V, 2.57V, 2.87V, 3.86V,
and 4.35V) by setting options.
 Low voltage detection reset (LVD) function
<1> LVD and POR functions are combined to generate resets when power is turned on and when power
voltage falls below a threshold level.
<2> The use/disuse of the LVD function and the low voltage threshold level (7 levels: 1.91V, 2.01V, 2.31V,
2.51V, 2.81V, 3.79V, and 4.28V) can be selected by setting options.


同様の部品番号 - LC87F17C8A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com