データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP-4127UB-DT データシート(PDF) 1 Page - ON Semiconductor

部品番号 TCP-4127UB-DT
部品情報  2.7 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-4127UB-DT データシート(HTML) 1 Page - ON Semiconductor

  TCP-4127UB-DT Datasheet HTML 1Page - ON Semiconductor TCP-4127UB-DT Datasheet HTML 2Page - ON Semiconductor TCP-4127UB-DT Datasheet HTML 3Page - ON Semiconductor TCP-4127UB-DT Datasheet HTML 4Page - ON Semiconductor TCP-4127UB-DT Datasheet HTML 5Page - ON Semiconductor TCP-4127UB-DT Datasheet HTML 6Page - ON Semiconductor TCP-4127UB-DT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
TCP−4127UB/D
TCP-4127UB
2.7 pF Passive Tunable
Integrated Circuits (PTIC)
Introduction
ON Semiconductor’s PTICs have excellent RF performance and
power consumption, making them suitable for any mobile handset or
radio application. The fundamental building block of our PTIC
product line is a tunable material called ParaScan
t, based on Barium
Strontium Titanate (BST). PTICs have the ability to change their
capacitance from a supplied bias voltage generated by the Control IC.
The 2.7 pF ultra−high tuning PTICs are available as wafer-level chip
scale packages (WLCSP).
Key Features
Ultra−High Tuning Range and Operation up to 24 V
Usable Frequency Range: from 700 MHz to 2.7 GHz
High Quality Factor (Q) for Low Loss
High Power Handling Capability
Compatible with PTIC Control IC TCC-10x, 20x
WLCSP Package: 0.609 x 0.626 x 0.310 mm (4 bump)
These devices are Pb−Free and RoHS Compliant
Typical Applications
Multi-band, Multi-standard, Advanced and Simple Mobile Phones
Tunable Antenna Matching Networks
Tunable RF Filters
Active Antennas
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
www.onsemi.com
TCP−4127UB−DT
WLCSP4
(Pb−Free)
4000 Units /
7” Tape & Reel
FUNCTIONAL BLOCK DIAGRAM
PTIC Functional Block Diagram
PTIC
Bias
RF1
RF2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
WLCSP4
0.626x0.609
CASE 567LN


同様の部品番号 - TCP-4127UB-DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-4127UA ONSEMI-TCP-4127UA Datasheet
255Kb / 7P
   High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4127UA-DT ONSEMI-TCP-4127UA-DT Datasheet
255Kb / 7P
   High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results

同様の説明 - TCP-4127UB-DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3027N ONSEMI-TCP-3027N Datasheet
207Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-5027UB ONSEMI-TCP-5027UB Datasheet
243Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-3027H ONSEMI-TCP-3027H Datasheet
371Kb / 9P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-4127UA ONSEMI-TCP-4127UA Datasheet
255Kb / 7P
   High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com