データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAER38N10A データシート(PDF) 2 Page - Microsemi Corporation

部品番号 MSAER38N10A
部品情報  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAER38N10A データシート(HTML) 2 Page - Microsemi Corporation

  MSAER38N10A Datasheet HTML 1Page - Microsemi Corporation MSAER38N10A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Drain-to-Source Breakdown Voltage
(Gate Shorted to Source)
BVDSS
VGS = 0 V, ID = 250
µA
100
V
Temperature Coefficient of the Drain-to-Source
Breakdown Voltage
∆BV
DSS/
∆T
J
0.13
V/
°C
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
2.0
4.0
V
Gate-to-Source Leakage Current
IGSS
VGS =
± 20V
DC, VDS = 0 T J = 25
°C
T J = 125
°C
±100
±200
nA
Drain-to-Source Leakage Current (Zero Gate
Voltage Drain Current)
IDSS
VDS =0.8
•BV
DSS
TJ = 25
°C
VGS = 0 V
T J = 125
°C
25
250
µA
Static Drain-to-Source On-State Resistance (1)
RDS(on)
VGS= 10V, ID= 24A
T J = 25
°C
I D= 38A
T J = 25
°C
I D= 24A
T J = 125
°C
1.0
0.055
0.065
Forward Transconductance (1)
gfs
VDS
≥ 15 V; I
D = 24 A
9
S
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Ciss
Coss
Crss
VGS = 0 V, VDS = 25 V, f = 1 MHz
3700
1100
200
pF
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Td(on)
tr
td(off)
tf
VGS = 10 V, V DS = 50 V,
ID = 38 A, R G = 2.35
35
190
170
130
ns
Total Gate Charge
Gate-to-Source Charge
Gate-to-Drain (Miller) Charge
Qg(on)
Qgs
Qgd
VGS = 10 V, V DS = 50V, ID = 38A
50
8
25
125
22
65
nC
Body Diode Forward Voltage (1)
VSD
IF = IS, VGS = 0 V
MSAE
MSAF
1.2
1.8
V
Reverse Recovery Time (Body Diode)
trr
IF = 10 A,
MSAE
-di/dt = 100 A/
µs,
MSAF
50
500
ns
Reverse Recovery Charge
Qrr
IF = 10 A,
MSAE
di/dt = 100 A/
µs,
MSAF
tbd
2.9
µC
Electrical Parameters @ 25
°°C (unless otherwise specified)
Notes
(1)
Pulse test, t
≤≤ 300 µµs, duty cycle δδ ≤≤ 2%
(2)
Microsemi Corp. does not manufacture the mosfet die; contact factory for details
MSAER38N10A
MSAFR38N10A


同様の部品番号 - MSAER38N10A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAER30N20A MICROSEMI-MSAER30N20A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

同様の説明 - MSAER38N10A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com