データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAHX60F60A データシート(PDF) 2 Page - Microsemi Corporation

部品番号 MSAHX60F60A
部品情報  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAHX60F60A データシート(HTML) 2 Page - Microsemi Corporation

  MSAHX60F60A Datasheet HTML 1Page - Microsemi Corporation MSAHX60F60A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Collector-to-Emitter Breakdown Voltage
(Gate Shorted to Emitter)
BVCES
VGS = 0 V, IC = 250
µA
600
V
Gate Threshold Voltage
VGE(th)
VCE = VGE, IC = 250
µA
2.5
5.0
V
Gate-to-Emitter Leakage Current
IGES
VGE =
± 20V
DC, VCE = 0
TJ = 25
°C
T J = 125
°C
±100
±200
nA
Collector-to-Emitter Leakage Current (Zero Gate
Voltage Collector Current)
ICES
VCE =0.8
•BV
CES
TJ = 25
°C
VGE = 0 V
T J = 125
°C
200
1000
µA
Collector-to-Emitter Saturation Voltage (1)
VCE(sat)
VGE= 15V, IC= 30A
T J = 25
°C
IC= 60A
T J = 25
°C
IC= 30A
T J = 125
°C
2.2
3.5
2.2
2.9
V
Forward Transconductance (1)
gfs
VCE
≥ 10 V; I
C = 30 A
15
20
S
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Cies
Coes
Cres
VGE = 0 V, VCE = 25 V, f = 1 MHz
2500
230
70
pF
INDUCTIVE LOAD, Tj= 25
°°C
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Off Energy
td(on)
tri
td(off)
tfi
Eoff
VGE = 15 V, VCE = 480 V,
IC = 30 A, RG = 4.7
Ω,
L= 100
µH note 2, 3
25
30
175
125
1.3
175
ns
ns
ns
ns
mJ
INDUCTIVE LOAD, Tj= 125
°°C
Turn-on Delay Time
Rise Time
On Energy
Turn-off Delay Time
Fall Time
Off Energy
td(on)
tri
Eon
td(off)
tfi
Eoff
VGE = 15 V, VCE = 480 V,
IC = 30 A, RG = 4.7
Ω,
L= 100
µH note 2, 3
25
35
1
250
260
4
ns
ns
mJ
ns
ns
mJ
Total Gate Charge
Gate-to-Emitter Charge
Gate-to-Collector (Miller) Charge
Qg
Qge
Qgc
VGE = 15 V, VCE = 300V, IC = 30A
125
23
50
150
35
75
nC
Antiparallel diode forward voltage (MSAHX60F60A
only)
VF
IE= 15 A
T J = 25
°C
IE= 15 A
T J = 150
°C
IE= 30 A
T J = 25
°C
IE= 50 A
T J = 25
°C
1.7
1.9
1.5
1.3
V
V
V
V
Antiparallel diode reverse recovery time
(MSAHX60F60A only)
trr
IE= 10 A, dIE/dt= 100 A/us, T J= 25
°C
IE= 30 A, dIE/dt= 100 A/us, T J= 25
°C
140
100
ns
ns
Antiparallel diode reverse recovery charge
(MSAHX60F60A only)
Qrr
IE= 10 A, dIE/dt= 100 A/us, T J= 25
°C
IE= 30 A, dIE/dt= 100 A/us, T J= 25
°C
160
320
nC
nC
Antiparallel diode peak recovery current
(MSAHX60F60A only)
IRM
IE= 10 A, dIE/dt= 100 A/us, T J= 25
°C
IE= 30 A, dIE/dt= 100 A/us, T J= 25
°C
3
4.2
A
A
Electrical Parameters @ 25
°°C (unless otherwise specified)
Notes
(1)
Pulse test, t
≤≤ 300 µµs, duty cycle δδ ≤≤ 2%
(2)
switching times and losses may increase for larger V CE and/or RG values or higher junction temperatures.
(3)
switching losses include “tail” losses
(4)
Microsemi Corp. does not manufacture the igbt die; contact company for details.
MSAGX60F60A
MSAHX60F60A


同様の部品番号 - MSAHX60F60A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAHX75L60C MICROSEMI-MSAHX75L60C Datasheet
49Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

同様の説明 - MSAHX60F60A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
   N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com