データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 1N4448
部品情報  Small-Signal Diode - Fast Switching Rectifier Reverse Voltage 100V Forward Current 150mA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4448 データシート(HTML) 1 Page - GOOD-ARK Electronics

  1N4448_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 3Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted.)
Silicon Epitaxial Planar Diode
Fast switching diode
This diode is also available in other case styles including the
MiniMELF case with the type designation LL4448.
Case: DO-35 Glass Case
Weight: approx. 0.13g
8
4
4
4
N
1
r
e
i
f
i
t
c
e
R
g
n
i
h
c
t
i
w
S
t
s
a
F
-
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
A
m
0
5
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
V
0
0
1
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
P
l
o
b
m
y
St
i
m
i
Lt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
RV
R
5
7s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
PV
M
R
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
e
g
a
r
e
v
A
d
a
o
l
e
v
i
t
s
i
s
e
r
h
t
i
w
n
o
i
t
a
c
i
f
i
t
c
e
r
e
v
a
w
f
l
a
h
T
t
a
b
m
a
5
2
=
oCf
d
n
a>
z
H
0
5
)
1
(
I
)
V
A
(
F
0
5
1A
m
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
j
5
2
=
oCI
M
S
F
0
0
5A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oC )
1
(
P
t
o
t
0
0
5W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
)
1
(
Rθ
A
J
0
5
3
o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
T
S
5
7
1
+
o
t
5
6
-
oC
388
Notes:
1. Valid provided that leads at a distance of 8mm from case are kept at ambient temperature


同様の部品番号 - 1N4448_15

メーカー部品番号データシート部品情報
logo
SHENZHEN YONGERJIA INDU...
1N4448 WINNERJOIN-1N4448_15 Datasheet
133Kb / 3P
   High-speed switching diode
logo
Vishay Siliconix
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
More results

同様の説明 - 1N4448_15

メーカー部品番号データシート部品情報
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
AiT Semiconductor Inc.
1N4148WS AITSEMI-1N4148WS Datasheet
386Kb / 5P
   FAST SWITCHING DIODE FORWARD VOLTAGE 1.25V CURRENT 150mA RECOVERY 4ns
REV1.0
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
logo
Surge Components
SGC051BS SURGE-SGC051BS Datasheet
162Kb / 3P
   Reverse Voltage 100V Forward Current 5A
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
   Reverse Voltage 100V Forward Current 10A
logo
Rugao Dachang Electroni...
RU2YX DACHANG-RU2YX Datasheet
117Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100V Forward Current 1.5 A
logo
AiT Semiconductor Inc.
BAS16L AITSEMI-BAS16L Datasheet
581Kb / 7P
   SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA
REV1.2
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com