データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC717A10AR データシート(PDF) 6 Page - ON Semiconductor

部品番号 LC717A10AR
部品情報  Capacitance-Digital-Converter LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC717A10AR データシート(HTML) 6 Page - ON Semiconductor

Back Button LC717A10AR Datasheet HTML 2Page - ON Semiconductor LC717A10AR Datasheet HTML 3Page - ON Semiconductor LC717A10AR Datasheet HTML 4Page - ON Semiconductor LC717A10AR Datasheet HTML 5Page - ON Semiconductor LC717A10AR Datasheet HTML 6Page - ON Semiconductor LC717A10AR Datasheet HTML 7Page - ON Semiconductor LC717A10AR Datasheet HTML 8Page - ON Semiconductor LC717A10AR Datasheet HTML 9Page - ON Semiconductor LC717A10AR Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LC717A10AR
No.A2161-6/11
I
2C Compatible Bus Slave Address
Selection of two kinds of addresses is possible through the SA0 and SA1 terminals.
SA1 input
SA0 input
7bit slave address
Binary notation
8bit slave address
00101100b (Write)
0x2C
Low
Low
0x16
00101101b (Read)
0x2D
00101110b (Write)
0x2E
Low
High
0x17
00101111b (Read)
0x2F
00110000b (Write)
0x30
High
Low
0x18
00110001b (Read)
0x31
00110010b (Write)
0x32
High
High
0x19
00110011b (Read)
0x33
SPI Data Timing (SPI Mode 0 / Mode 3)
fig.5
SPI Communication Formats (Example of Mode 0)
• Write format (data can be written into sequentially incremented addresses with preserving nCS = L)
nCS
SCK
SI
SO
7
6543
2
10
Hi-Z
Register Address(N)
Data written to Register Address(N)
Data written to Register Address(N+1)
Write=L
7
6543
2
10
76
543
2
10
fig.6
• Read format (data can be read from sequentially incremented addresses with preserving nCS = L)
Register Address(N)
Data read from Register Address(N)
Data read from Register Address(N+1)
7
Read=H
76543
2
10
Hi-Z
nCS
SCK
SI
SO
76
5
4
3
2
10
76543
2
10
fig.7
nCS
SCK
SI
SO
tSU;SI
VALID
Hi-Z
tr
tHD;SI
tSU;SCK tSU;NCS tHIGH
tLOW
tf
tCPH
tHD;NCS
tHD;SCK
tCLZ
tHD;SO
tCHZ
VALID
tV


同様の部品番号 - LC717A10AR

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10AR-NH ONSEMI-LC717A10AR-NH Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
More results

同様の説明 - LC717A10AR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
240Kb / 14P
   Capacitance-Digital-Converter LSI
May, 2014
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com