データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMUN5313DW1T3G データシート(PDF) 5 Page - ON Semiconductor

部品番号 SMUN5313DW1T3G
部品情報  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5313DW1T3G データシート(HTML) 5 Page - ON Semiconductor

  SMUN5313DW1T3G Datasheet HTML 1Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 2Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 3Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 4Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 5Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 6Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 7Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 8Page - ON Semiconductor SMUN5313DW1T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MUN5313DW1, SMUN5313DW1, NSBC144EPDXV6, NSBC144EPDP6
http://onsemi.com
5
TYPICAL CHARACTERISTICS − PNP TRANSISTOR
MUN5313DW1, NSBC144EPDXV6
Figure 7. VCE(sat) vs. IC
100
10
1
0.1
0
10
203040
IC, COLLECTOR CURRENT (mA)
50
Figure 8. DC Current Gain
Figure 9. Output Capacitance
100
10
1
0.1
0.01
0.001
010
Vin, INPUT VOLTAGE (V)
Figure 10. Output Current vs. Input Voltage
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
010
20
30
40
50
010
20
30
40
1
0
VR, REVERSE VOLTAGE (V)
12
3
4
5
6
7
8
9
VO = 2 V
IC/IB =10
TA =75°C
TA =75°C
f = 10 kHz
lE = 0 A
TA = 25°C
2
3
4
5
6
7
8
9
10
75°C
25°C
TA = −25°C
TA = −25°C
75°C
25°C
VO = 5 V
25°C
−25°C
−25°C
25°C


同様の部品番号 - SMUN5313DW1T3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMUN5313DW1T3G ONSEMI-SMUN5313DW1T3G Datasheet
105Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
More results

同様の説明 - SMUN5313DW1T3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com