データシートサーチシステム |
|
SM5009AK2S データシート(PDF) 9 Page - Nippon Precision Circuits Inc |
|
SM5009AK2S データシート(HTML) 9 Page - Nippon Precision Circuits Inc |
9 / 18 page SM5009 series NIPPON PRECISION CIRCUITS—9 5009AN/CN series 3 V operation: VDD = 2.7 to 3.3 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted. P arameter S y m b o l Condition Rating Unit min typ m a x HIGH-level output voltage V OH Q: Measurement cct 1, IOH = 8 m A SM5009AN1S , CF5009AN1 SM5009AN2S , CF5009AN2 2.2 – – V SM5009AN3S , CF5009AN3 SM5009AN4S , CF5009AN4 SM5009AN5S , CF5009AN5 SM5009AN6S , CF5009AN6 SM5009CN1S , CF5009CN1 SM5009CN2S , CF5009CN2 2.1 – – L O W -level output voltage V OL Q: Measurement cct 1, IOL = 8 m A – – 0.4 V Output leakage current IZ Q: Measurement cct 2, I N H = L O W , V OH = V DD –– 1 0 µA Q: Measurement cct 2, I N H = L O W , V OL = V SS –– 1 0 HIGH-level input voltage V IH INH 2.0 – – V L O W -level input voltage V IL INH – – 0.3 V Current consumption IDD INH = open, Measurement cct 3, load cct 2, CL = 15 pF, 40 MHz cr ystal oscillator SM5009AN1S , CF5009AN1 – 8 17 mA SM5009AN2S , CF5009AN2 – 5 11 SM5009AN3S , CF5009AN3 – 4 9 SM5009AN4S , CF5009AN4 – 3 7 SM5009AN5S , CF5009AN5 – 3 6 SM5009AN6S , CF5009AN6 – 2 5 INH = open, Measurement cct 3, load cct 2, CL = 15 pF, 30 MHz cr ystal oscillator, Ta = –10 to +70 °C SM5009CN1S , CF5009CN1 – 7 15 SM5009CN2S , CF5009CN2 – 4 9 INH pull-up resistance R UP Measurement cct 4, V DD = 3 V, INH = V SS 40 – 200 k Ω Negative resistance −R L V DD = 3 V, Ta = 25 °C , 40 M H z – –100 – Ω Feedback resistance R f Measurement cct 5 0.4 – 1.1 M Ω Built-in capacitance C G Design value, determined by the internal wafer pattern 5.58 6 6.42 p F C D 9.3 1 0 10.7 p F |
同様の部品番号 - SM5009AK2S |
|
同様の説明 - SM5009AK2S |