データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC5-S-N120 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 STAC5-S-N120
部品情報  AC Advanced Microstep Drive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-S-N120 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  STAC5-S-N120 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-S-N120 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-S-N120 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-S-N120 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-S-N120 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-S-N120 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-S-N120 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model Number:
STAC5-S-N120
Part Number:
5000-208
Supply Voltage:
94-135 VAC
Supply Voltage Type:
AC
Control Modes:
Step & Direction
Velocity (Oscillator)
Streaming Commands
Output Current:
0.5-5.0 A/phase
Communication Ports:
Ethernet
Encoder Feedback:
No
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-90%
Setup Method:
Software setup
Digital Inputs:
4
Digital Outputs:
2
Analog Inputs:
1
Dimensions:
5.5 x 4.5 x 2.0 inches
Weight:
22.4 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


同様の部品番号 - STAC5-S-N120

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC5-S-N220 ETC2-STAC5-S-N220 Datasheet
848Kb / 7P
   AC Advanced Microstep Drive
More results

同様の説明 - STAC5-S-N120

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC5-S-N220 ETC2-STAC5-S-N220 Datasheet
848Kb / 7P
   AC Advanced Microstep Drive
STAC5-IP-N120 ETC2-STAC5-IP-N120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
STAC5-IP-N220 ETC2-STAC5-IP-N220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
STAC5-S-E120 ETC2-STAC5-S-E120 Datasheet
844Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC5-Q-N220 ETC2-STAC5-Q-N220 Datasheet
863Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
STAC5-Q-N120 ETC2-STAC5-Q-N120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-S-220 ETC2-STAC6-S-220 Datasheet
356Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STR2 ETC2-STR2 Datasheet
779Kb / 5P
   DC Advanced Microstep Drive
STR8 ETC2-STR8 Datasheet
748Kb / 5P
   DC Advanced Microstep Drive
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com