データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS1F4 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SS1F4
部品情報  Surface Mount Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1F4 データシート(HTML) 3 Page - Vishay Siliconix

  SS1F4_15 Datasheet HTML 1Page - Vishay Siliconix SS1F4_15 Datasheet HTML 2Page - Vishay Siliconix SS1F4_15 Datasheet HTML 3Page - Vishay Siliconix SS1F4_15 Datasheet HTML 4Page - Vishay Siliconix SS1F4_15 Datasheet HTML 5Page - Vishay Siliconix SS1F4_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS1F4
www.vishay.com
Vishay General Semiconductor
Revision: 03-Feb-15
3
Document Number: 87729
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Average Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
255075
100
125
150
175
Ambient Temperature (°C)
Mounted on recommended areas, FR4
PCB, typical values
RθJM = 16.5 °C/W
RθJM = 125 °C/W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 1.0
D = 0.8
D = tp/T
T
tp
D = 0.5
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 125 °C
T
A = 175 °C
0.001
0.01
0.1
1
10
100
10
15
20
25
30
35
40
Reverse Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 175 °C
10
100
1000
0
10203040
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
100
1000
0.001
0.1
10
1000
t - Pulse Duration (s)
Junction to Ambient
Mounted on standard footprint
FR4 PCB


同様の部品番号 - SS1F4_15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS1F4 VISHAY-SS1F4_V01 Datasheet
109Kb / 5P
   Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
More results

同様の説明 - SS1F4_15

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com