データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS1FL4 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SS1FL4
部品情報  Surface Mount Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1FL4 データシート(HTML) 2 Page - Vishay Siliconix

  SS1FL4_15 Datasheet HTML 1Page - Vishay Siliconix SS1FL4_15 Datasheet HTML 2Page - Vishay Siliconix SS1FL4_15 Datasheet HTML 3Page - Vishay Siliconix SS1FL4_15 Datasheet HTML 4Page - Vishay Siliconix SS1FL4_15 Datasheet HTML 5Page - Vishay Siliconix SS1FL4_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS1FL4
www.vishay.com
Vishay General Semiconductor
Revision: 16-Apr-15
2
Document Number: 87616
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
(2) Device mounted on FR4 PCB, 2 oz. standard footprint
(3) Thermal resistance RJA - junction to ambient; RJM - junction to mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 0.5 A
TA = 25 °C
VF (1)
0.39
-
V
IF = 1.0 A
0.44
0.50
IF = 0.5 A
TA = 125 °C
0.27
-
IF = 1.0 A
0.34
0.41
Reverse current
VR = 40 V
TA = 25 °C
IR (2)
-
200
μA
TA = 125 °C
7
13
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
115
-
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
SS1FL4
UNIT
Typical thermal resistance
RJA (1)(2)(3)
125
°C/W
RJM (2)(3)
22
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS1FL4-M3/H
0.015
H
3000
7" diameter plastic tape and reel
SS1FL4-M3/I
0.015
I
10 000
13" diameter plastic tape and reel
SS1FL4HM3/H (1)
0.015
H
3000
7" diameter plastic tape and reel
SS1FL4HM3/I (1)
0.015
I
10 000
13" diameter plastic tape and reel


同様の部品番号 - SS1FL4_15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS1FL4-M3/H VISHAY-SS1FL4-M3/H Datasheet
122Kb / 6P
   Surface Mount Schottky Barrier Rectifier
Revision: 01-Sep-16
SS1FL4-M3/I VISHAY-SS1FL4-M3/I Datasheet
122Kb / 6P
   Surface Mount Schottky Barrier Rectifier
Revision: 01-Sep-16
SS1FL4HM3/H VISHAY-SS1FL4HM3/H Datasheet
122Kb / 6P
   Surface Mount Schottky Barrier Rectifier
Revision: 01-Sep-16
SS1FL4HM3/I VISHAY-SS1FL4HM3/I Datasheet
122Kb / 6P
   Surface Mount Schottky Barrier Rectifier
Revision: 01-Sep-16
SS1FL4 VISHAY-SS1FL4_V01 Datasheet
106Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results

同様の説明 - SS1FL4_15

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com