データシートサーチシステム |
|
SMZ100 データシート(PDF) 1 Page - Microsemi Corporation |
|
SMZ100 データシート(HTML) 1 Page - Microsemi Corporation |
1 / 2 page MSC1381.PDF ISO 9001 CERTIFIED REV E 1/21/2000 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax: (480) 947-1503 DESCRIPTION This data sheet defines a series of dual zeners with a common anode. It may be used for voltage regulation for two different lines to ground or as a bidirectional voltage regulator between two lines. This product also provides ESD protection per IEC 1000-4-2 and EFT protection per IEC 1000-4-4. FEATURES • Provides common-anode-dual zeners 3.3 to 200 volts • Provides unidirectional zener-regulation for 2 lines to ground for pins 1 to 3 and pins 2 to 3 or bidirectional regulation between pins 1 and 2 • ESD non sensitive Human Body Model (HBM) >15,999 volts per MIL-STD-750 Method 1020 • SOT-23 Packaging MAXIMUM RATINGS • Operating Temperatures: -55ºC to +150ºC • Storage Temperature: -55ºC to +150ºC • 250 mW maximum combined power (both legs) • Thermal resistance RèJL = 400ºC/W • Derate 250 mW power linearly from 50ºC to zero at 150ºC ELECTRICAL CHARACTERISTICS PER LINE @ 25ºC Unless otherwise specified MAX. ZENER IMPEDANCE @ IZT NOMINAL ZENER VOLTAGE VZ NOTE 1 ZENER TEST CURRENT IZT ZZT MAX. DC ZENER CURRENT IZM NOTE 2 MAX REVERSE LEAKAGE CURRENT IR @ VR IR VR MAX TEMP COEFFICIENT áVZ TYPICAL CAPACITANCE C @ ZERO VOLTS PART NUMBER DEVICE MARKING VOLTS mA OHMS mA µA VOLTS %/ºC pF SMZ3.3 3Z3 3.3 10.0 50 35 25 1.0 -0.070 200 SMZ5.1 5Z1 5.1 10.0 30 22.5 5 2.0 ±0.030 150 SMZ12 Z12 12 1.0 100 9.6 1 9.1 +0.077 65 SMZ15 Z15 15 1.0 120 7.5 1 11.4 +0.082 55 SMZ24 Z24 24 1.0 130 4.8 1 18.2 +0.088 34 SMZ33 Z33 33 1.0 140 3.5 1 25.1 +0.092 24 SMZ36 Z36 36 1.0 150 3.2 1 27.4 +0.093 22 SMZ47 Z47 47 1.0 200 2.4 1 35.8 +0.095 15 SMZ82 Z82 82 1.0 400 1.4 1 62.2 +0.098 10 SMZ100 10Z 100 1.0 600 1.1 1 76.0 +0.11 9 SMZ200 20Z 200 0.5 2000 0.55 1 152.0 +0.11 8 NOTE 1: Nominal zener voltage has a plus or minus 5% tolerance at IZT (1 ms pulse). NOTE 2: Each leg for simultaneous operation. SMZ3.3 thru SMZ200 ZENERarray ™ ™ Series PACKAGING • Tape & Reel EIA Standard 481 • 7 inch reel 5,000 pieces • 13 inch reel 10,000 pieces MECHANICAL • Molded SOT-23 Surface Mount • Weight: .014 grams (approximate) • Body Marked with device number |
同様の部品番号 - SMZ100 |
|
同様の説明 - SMZ100 |