データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431AIDM データシート(PDF) 5 Page - Microsemi Corporation

部品番号 TL431AIDM
部品情報  PRECISION PROGRAMMABLE REFERENCES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431AIDM データシート(HTML) 5 Page - Microsemi Corporation

  TL431AIDM Datasheet HTML 1Page - Microsemi Corporation TL431AIDM Datasheet HTML 2Page - Microsemi Corporation TL431AIDM Datasheet HTML 3Page - Microsemi Corporation TL431AIDM Datasheet HTML 4Page - Microsemi Corporation TL431AIDM Datasheet HTML 5Page - Microsemi Corporation TL431AIDM Datasheet HTML 6Page - Microsemi Corporation TL431AIDM Datasheet HTML 7Page - Microsemi Corporation TL431AIDM Datasheet HTML 8Page - Microsemi Corporation TL431AIDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCES
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.3
9/99
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR VES
FIGURE 2. —
REFERENCE CURRENT
vs. FREE-AIR TEMPERATURE
FIGURE 3. — CATHODE CURRENT vs. CATHODE VOLTAGE
FIGURE 4. — CATHODE CURRENT vs. CATHODE VOLTAGE
FIGURE 1. —
REFERENCE VOLTAGE
vs. FREE-AIR TEMPERATURE
1
0
(T
A)
Ambient Temperature - (°C)
5
2
-50
-25
0
25
50
75
100
125
3
I
K = 10mA
R1 =
¥
I
K = 10mA
4
TL431/A
TL431B
2.44
2.4
(T
A)
Ambient Temperature - (°C)
-50
-25
0
25
50
75
100
125
V
REF = VKA
I
K = 10mA
2.42
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
V
REF = 2550mV
V
REF = 2495mV
V
REF = 2440mV
TL431B
TL431/A
TL431/A
TL431/A
0
-100
(V
KA)
Cathode Voltage - (V)
150
-2
-1
0
1
23
50
V
KA = VREF
T
A = 25°C
100
-75
-50
-25
25
75
125
TL431/A
TL431B
0
-200
(V
KA)
Cathode Voltage - (V)
800
200
-1
0
1
23
400
I
MIN
600
V
KA = VREF
T
A = 25°C


同様の部品番号 - TL431AIDM

メーカー部品番号データシート部品情報
logo
Motorola, Inc
TL431AIDM MOTOROLA-TL431AIDM Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431AIDM ONSEMI-TL431AIDM Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431AIDM MICROSEMI-TL431AIDM Datasheet
270Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431AIDMR2 ONSEMI-TL431AIDMR2 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431AIDMR2G ONSEMI-TL431AIDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
More results

同様の説明 - TL431AIDM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com