データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZNUP3105LT1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 SZNUP3105LT1G
部品情報  Dual Line CAN Bus Protector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP3105LT1G データシート(HTML) 1 Page - ON Semiconductor

  SZNUP3105LT1G Datasheet HTML 1Page - ON Semiconductor SZNUP3105LT1G Datasheet HTML 2Page - ON Semiconductor SZNUP3105LT1G Datasheet HTML 3Page - ON Semiconductor SZNUP3105LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 0
1
Publication Order Number:
NUP3105L/D
NUP3105L, SZNUP3105L
Dual Line CAN
Bus Protector
The SZ/NUP3105L has been designed to protect the CAN
transceiver in high−speed and fault tolerant networks from ESD and
other harmful transient voltage events. This device provides
bidirectional protection for each data line with a single compact
SOT−23 package, giving the system designer a low cost option for
improving system reliability and meeting stringent EMI requirements.
Features
350 W Peak Power Dissipation per Line (8 x 20 msec Waveform)
Low Reverse Leakage Current (< 100 nA)
Low Capacitance High−Speed CAN Data Rates
IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4
− IEC 61000−4−4 (EFT): 50 A – 5/50 ns
− IEC 61000−4−5 (Lighting) 8.0 A (8/20
ms)
Flammability Rating UL 94 V−0
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Industrial Control Networks
Smart Distribution Systems (SDS®)
DeviceNet
Automotive Networks
Low and High−Speed CAN
Fault Tolerant CAN
Trucks
http://onsemi.com
SOT−23
CASE 318
STYLE 27
PIN 1
PIN 3
PIN 2
MARKING DIAGRAM
27F
= Device Code
M
= Date Code
G
= Pb−Free Package
SOT−23
DUAL BIDIRECTIONAL
VOLTAGE SUPPRESSOR
350 W PEAK POWER
1
27F M
G
G
CAN
Transceiver
CAN_H
CAN_L
NUP3105L
CAN Bus
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


同様の部品番号 - SZNUP3105LT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZNUP3105LT1G ONSEMI-SZNUP3105LT1G Datasheet
83Kb / 4P
   Dual Line CAN Bus Protector
October, 2016 ??Rev. 3
More results

同様の説明 - SZNUP3105LT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
   Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
logo
Diodes Incorporated
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
   Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
   Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com