データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M0100-101-4-000 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 M0100-101-4-000
部品情報  60mm Servo Motor, 100W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

M0100-101-4-000 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  M0100-101-4-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers M0100-101-4-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0100-101-4-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
M0100-101-4-000
Frame Size:
60 mm
Continuous Torque:
2.8 in-lb
Peak Torque:
8.4 in-lb
Rated Power:
100 watts
Rated Voltage:
100 volts
Rated Speed:
3000 rpm
Peak Speed:
5000 rpm
Rated Current:
1.8 A rms
Peak Current:
5.0 A rms
Torque Constant:
1.68 in-lb/A
Voltage Constant:
19.9 V/krpm
Armature Resistance:
5.0 ohms
Armature Inductance:
13 mH
Motor Length:
3.39 inch
Rotor Inertia:
1.27E-03 oz-in-sec
Weight:
1.3 lbs
Integral Holding
Brake:
No
Storage Temperature:
-10 to 85 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
17 lbs
Maximum Thrust
Load:
8.8 lbs
Shaft Run Out:
0.0008 inch T.I.R. max
End Play:
0.008 inch max
Perpendicularity:
0.003 inches
Concentricity:
0.002 inches
Specifcations
2


同様の部品番号 - M0100-101-4-000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M0100-101-3-000 ETC2-M0100-101-3-000 Datasheet
139Kb / 3P
   40mm Servo Motor, 100W
More results

同様の説明 - M0100-101-4-000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M0100-103-4-000 ETC2-M0100-103-4-000 Datasheet
153Kb / 3P
   60mm Servo Motor, 100W
M0100-151-4-000 ETC2-M0100-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 100W
J0200-304-4-000 ETC2-J0200-304-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
A0200-101-4-000 ETC2-A0200-101-4-000 Datasheet
172Kb / 3P
   60mm Servo Motor, 200W
J0200-302-4-000 ETC2-J0200-302-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
J0400-301-4-000 ETC2-J0400-301-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
J0400-302-4-000 ETC2-J0400-302-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com