データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC709006A データシート(PDF) 5 Page - ON Semiconductor

部品番号 LC709006A
部品情報  I/O-Expander for Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709006A データシート(HTML) 5 Page - ON Semiconductor

  LC709006A Datasheet HTML 1Page - ON Semiconductor LC709006A Datasheet HTML 2Page - ON Semiconductor LC709006A Datasheet HTML 3Page - ON Semiconductor LC709006A Datasheet HTML 4Page - ON Semiconductor LC709006A Datasheet HTML 5Page - ON Semiconductor LC709006A Datasheet HTML 6Page - ON Semiconductor LC709006A Datasheet HTML 7Page - ON Semiconductor LC709006A Datasheet HTML 8Page - ON Semiconductor LC709006A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LC709006A
No.8265-5/14
Switching I/O Characteristics at Ta=-40 to +85
°C, VDD=VDDP0=VDDP1=VDDP2, VSS=VSSP0=VSSP1=VSSP2, VSS=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Unit
VDD[V]
min
typ
max
Clock setup time
TsCLK
CS, CLK
•Specified with
respect to falling
edge of CS.
•See Fig. 9.
2.0 to 6.0
100
ns
Chip select low level setup
time
TslCS
CS, CLK
•Specified with
respect to falling
edge of CS.
•See Fig. 9.
2.0 to 6.0
100
Chip select low level hold
time
ThlCS
CS, CLK
•Specified with
respect to falling
edge of CS.
•See Fig. 9.
2.0 to 6.0
100
Clock hold time
ThCLK
CS, CLK
•Specified with
respect to falling
edge of CS.
•See Fig. 9.
2.0 to 6.0
200
Clock low level pulse width
TwlCLK
CLK
•See Fig. 9.
4.5 to 6.0
250
2.7 to 6.0
500
2.0 to 6.0
1000
Clock high level pulse
width
TwhCLK
CLK
•See Fig. 9.
4.5 to 6.0
250
2.7 to 6.0
500
2.0 to 6.0
1000
Chip select high level
setup time
TshCS
CS, RES
•See Fig. 9.
2.0 to 6.0
200
Chip select high level hold
time
ThhCS
CS, RES
•See Fig. 9.
2.0 to 6.0
100
Chip select low level pulse
width
TwlCS
CS, RES
•See Fig. 9.
2.0 to 6.0
200
Reset low level pulse width
TwlRES
CS, RES
•See Fig. 9.
2.0 to 6.0
150
Data setup time
TsDIN
DIN
•Specified with
respect to falling
edge of CLK.
•See Fig. 9.
4.5 to 6.0
30
2.0 to 6.0
50
Data hold time
ThDIN
DIN
•Specified with
respect to falling
edge of CLK.
•See Fig. 9.
4.5 to 6.0
50
2.7 to 6.0
150
2.0 to 6.0
300
Serial data output delay
time
(Note 4)
TdD0UT
DOUT
•Specified with
respect to falling
edge of CLK.
•See Fig. 9.
4.5 to 6.0
200
2.7 to 6.0
400
2.0 to 6.0
800
Port data output delay time
TdPOUT
Port 0 to 2
•Specified with
respect to rising
edge of CS.
•See Fig. 9.
4.5 to 6.0
200
2.7 to 6.0
400
2.0 to 6.0
800
Port data input setup time
TsPIN
Port 0 to 2
•Specified with
respect to rising
edge of CLK.
•See Fig. 9.
4.5 to 6.0
30
2.0 to 6.0
50
Port data input hold time
ThPIN
Port 0 to 2
•Specified with
respect to rising
edge of CLK.
•See Fig. 9.
4.5 to 6.0
50
2.7 to 6.0
150
2.0 to 6.0
300
Note 4: The input data of P00 will be out from DOUT terminal at the first negative edge of CLK signal. Because of this,
Serial data output delay time of the first clock will be the time measured from the negative edge of the CLK or
the time at the input data (P00) is settled.


同様の部品番号 - LC709006A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
More results

同様の説明 - LC709006A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com