データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11660RV-W-AH データシート(PDF) 5 Page - ON Semiconductor

部品番号 LB11660RV-W-AH
部品情報  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660RV-W-AH データシート(HTML) 5 Page - ON Semiconductor

  LB11660RV-W-AH Datasheet HTML 1Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 2Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 3Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 4Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 5Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 6Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 7Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 8Page - ON Semiconductor LB11660RV-W-AH Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LB11660RV
www.onsemi.com
5
Pin Assignment
Truth Table
IN-
IN+
VTH
CPWM
CT
OUT1
OUT2
PRE1
PRE2
RD
Mode
H
L
L
H
L
H
OFF
L
H
L
Rotating - drive
L
H
OFF
H
H
L
H
L
H
L
OFF
OFF
L
H
Rotating - regeneration
L
H
OFF
OFF
H
L
H
L
-
-
H
OFF
OFF
L
H
OFF
Lock protection
L
H
OFF
OFF
H
L
CPWM-H: CPWM>VTH, CPWM-L: CPWM<VTH
OUT2
1
2
3
4
11
15
8
5
10
9
7
12
6
LB11660RV
13
14
16
VCC
VTH
VM
RMI
CPWM
RD
IN+
HB
IN-
CT
6VREG
GND
OUT1
PRE2
PRE1
Top view
030
-30
60
90
120
0
0.2
0.8
0.6
1.2
ILB01805
Pd max - Ta
0.35
0.4
Mounted on a specified board:
114.3mm
76.1mm1.6mm glass epoxy
Ambient Temperature, Ta -
C


同様の部品番号 - LB11660RV-W-AH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
More results

同様の説明 - LB11660RV-W-AH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com