データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS54 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 LS54
部品情報  Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS54 データシート(HTML) 1 Page - GOOD-ARK Electronics

  LS54 Datasheet HTML 1Page - GOOD-ARK Electronics LS54 Datasheet HTML 2Page - GOOD-ARK Electronics LS54 Datasheet HTML 3Page - GOOD-ARK Electronics LS54 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS54/LS545
Surface Mount Schottky Rectifier
Reverse Voltage 40/45V Forward Current 5A
www.goodark.com
1/4
2014.03-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
V
VRMS
V
VDC
V
IF(AV)
1)
IF(AV)
2)
45
31.5
45
Parameter
Symbol
Unit
LS54
LS545
Maximum repetitive peak reverse
Maximum RMS voltage
Maximum DC blocking voltage
40
28
40
5.0
Pk f
d
8 3
Maximum average forward rectified
current
3.0
A
IFSM
A
TJ, TSTG
°C
Electrical Characteristics (TA= 25 °C unless otherwise noted)
Peak forward surge current 8.3 ms
single half sine-wave superimposed on
rated load
150
Operating junction and storage
temperature range
- 55 to + 150
IF=5A, TA=25℃
IF=5A, TA=125℃
TA=25℃
Electrical Characteristics (TA= 25 C unless otherwise noted)
Parameter
Instantaneous
forward voltage
VF
Max,0.55
Test Conditions Symbol
Unit
LS54
LS545
Volts
typ,0.45
Maximum DC
reverse current at
0.5
TA=125℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal
resistance
juntion to mount
RθJM
1)
℃/W
Note1,Thermal resistance from junction to mount,mounted on PCB with 8.0×8.0mm copper pads
2,Mounted on Aluminum substrate pcb
mA
20
320
20
reverse current at
rated DC blocking
voltage
IR
www.goodark.com
1/4
2014.03-Rev.A


同様の部品番号 - LS54

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
LS5420 SIEMENS-LS5420 Datasheet
93Kb / 1P
   T1(5mm) LED LAMP
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS5420-MQ SIEMENS-LS5420-MQ Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS5420-P SIEMENS-LS5420-P Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS5420-PT SIEMENS-LS5420-PT Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
More results

同様の説明 - LS54

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
SGC0520S GOOD-ARK-SGC0520S Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 5A
LS34AS GOOD-ARK-LS34AS_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LS345A GOOD-ARK-LS345A Datasheet
190Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LSL34 GOOD-ARK-LSL34 Datasheet
265Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com