データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC-2A データシート(PDF) 1 Page - Mitel Networks Corporation

部品番号 FC-2A
部品情報  High-Performance LED(Baseband Video)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITEL [Mitel Networks Corporation]
ホームページ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

FC-2A データシート(HTML) 1 Page - Mitel Networks Corporation

  FC-2A Datasheet HTML 1Page - Mitel Networks Corporation FC-2A Datasheet HTML 2Page - Mitel Networks Corporation FC-2A Datasheet HTML 3Page - Mitel Networks Corporation FC-2A Datasheet HTML 4Page - Mitel Networks Corporation FC-2A Datasheet HTML 5Page - Mitel Networks Corporation FC-2A Datasheet HTML 6Page - Mitel Networks Corporation FC-2A Datasheet HTML 7Page - Mitel Networks Corporation FC-2A Datasheet HTML 8Page - Mitel Networks Corporation FC-2A Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
12090.11 1994-09-20
Baseband Video
860nm
0.6
14
Ø1.5
Ø4.7
3.7
0.4
5.4
2.5
CASE
ANODE
CATHODE
BOTTOM VIEW
The anode is in electrical contact with the case.
TO-46 Package With Lens
The low thermal droop of this device
allows baseband video transmission
with minimum distortion. The dou-
ble-lens optical system provides for
optimum coupling of power into the
fiber.
1A255
High-Performance LED
Thermal Characteristics
Fiber:
62.5/125 m
Graded
Index
NA=0.275
Optical and Electrical Characteristics (25°C Case Temperature)
Absolute Maximum Ratings
Note 1: Measured at the exit of 100 meters of fiber.
Note 2: Transient decline in optical power due to self-heating.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
80
120
W
IF=80 mA
(Fig.1, 2,& 3) (Table 1)
(Note 1)
Rise and Fall Time
tr,tf
68
ns
IF=80 mA
(10-90%)
(no bias)
Bandwidth
fc
55
MHz
IF=80 mA
(3dBel)
Thermal Droop
(nonlinearity) (Note 2)
l Pl
2%
IF=80 mA
Peak Wavelength
p
840
860
880
nm
IF=80 mA
Spectral Width (FWHM)
50
nm
IF=80 mA
Forward Voltage (Fig.5)
VF
1.8
2.2
V
IF=80 mA
Reverse Current
IR
20
A
VR=1V
Capacitance
C
250
pF
VR= 0V, f=1 MHz
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthjc
100
C/W
Thermal Resistance - No Heat Sink
Rthja
400
C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.5
%/ C
Temperature Coefficient -Wavelength
d /dTj
0.3
nm/ C
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to +125 C
Operating Temperature (derating: Fig.4)
Top
-55 to +125 C
Electrical Power Dissipation (derating: Fig.4)
Ptot
250 mW
Continuous Forward Current (f 10 kHz)
IF
110 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
180 mA
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C


同様の部品番号 - FC-2A

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
FC-2A MITEL-FC-2A Datasheet
194Kb / 10P
   High-Performance LED(FM and Baseband Video)
FC-2A MITEL-FC-2A Datasheet
182Kb / 9P
   High-Performance LED(Baseband Video)
More results

同様の説明 - FC-2A

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
1A284 MITEL-1A284 Datasheet
52Kb / 3P
   High-Performance LED(Baseband Video)
1A359 MITEL-1A359 Datasheet
182Kb / 9P
   High-Performance LED(Baseband Video)
1A277A MITEL-1A277A Datasheet
194Kb / 10P
   High-Performance LED(FM and Baseband Video)
1A184A MITEL-1A184A Datasheet
196Kb / 10P
   High-Performance LED(FM Video)
logo
List of Unclassifed Man...
1A302 ETC-1A302 Datasheet
46Kb / 2P
   High-Performance LED FM Video
logo
Skyworks Solutions Inc.
SI4694 SKYWORKS-SI4694 Datasheet
777Kb / 7P
   High-Performance DRM30 Baseband Coprocessor
November 9, 2021
SI4614-A10 SKYWORKS-SI4614-A10 Datasheet
683Kb / 3P
   Low-Power, High-Performance DAB/DAB Baseband Processor
August 22, 2021
logo
Silicon Laboratories
SI4614-A10 SILABS-SI4614-A10 Datasheet
990Kb / 3P
   Low-Power, High-Performance DAB/DAB Baseband Processor
logo
Analog Devices
AD811 AD-AD811_04 Datasheet
558Kb / 20P
   High Performance Video Op Amp
Rev. E
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com