データシートサーチシステム |
|
SM5839AV データシート(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM5839AV データシート(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 8 page SM5839A NIPPON PRECISION CIRCUITS—3 SPECIFICATIONS Absolute Maximum Ratings VSS = 0 V Recommended Operating Conditions VSS = 0 V DC Characteristics Standard-voltage specification: VDD = 5.0 ± 0.5 V, VSS = 0 V, Ta = −20 to 70 °C 1. Ip = input pin with pull-up resistor, I = input pin, O = output pin. All outputs are 3-state pins. 21 DOUT4 O Data output 4 22 DOUT3 O Data output 3 23 DOUT2 O Data output 2 24 DOUT1 O Data output 1 25 DOUT0 O Data output 0 26 OE Ip Output enable 27 ENRC Ip Circulating/non-circulating control 28 VDD – Supply voltage Parameter Symbol Rating Unit Supply voltage range VDD −0.3 to 7.0 V Input voltage range VIN VSS − 0.3 to VDD + 0.3 V Storage temperature range Tstg −40 to 125 °C Power dissipation PD 330 mW Soldering temperature Tsld 255 °C Soldering time tsld 10 s Parameter Symbol Condition Rating Unit min typ max Supply voltage range VDD Standard-voltage specification 4.5 – 5.5 V Low-voltage specification 2.7 – 4.5 V Operating temperature Topr −20 – 70 °C Parameter Symbol Condition Rating Unit min typ max Standby current consumption IST –– 50 µA Operating current consumption IDD OE = 0 V, fCLK = 54 MHz – 30 50 mA Input voltage1 VIH 2.4 – – V VIL – – 0.5 Output voltage2 VOH IOH = −0.4 mA 2.5 – – V VOL IOL = 1.6 mA – – 0.4 Input current3 IIL VIN = 0 V – 100 200 µA Number Name I/O1 Description |
同様の部品番号 - SM5839AV |
|
同様の説明 - SM5839AV |