データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC16374 データシート(PDF) 4 Page - ON Semiconductor

部品番号 74ALVC16374
部品情報  Low?뭋oltage 1.8 Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC16374 データシート(HTML) 4 Page - ON Semiconductor

  74ALVC16374 Datasheet HTML 1Page - ON Semiconductor 74ALVC16374 Datasheet HTML 2Page - ON Semiconductor 74ALVC16374 Datasheet HTML 3Page - ON Semiconductor 74ALVC16374 Datasheet HTML 4Page - ON Semiconductor 74ALVC16374 Datasheet HTML 5Page - ON Semiconductor 74ALVC16374 Datasheet HTML 6Page - ON Semiconductor 74ALVC16374 Datasheet HTML 7Page - ON Semiconductor 74ALVC16374 Datasheet HTML 8Page - ON Semiconductor 74ALVC16374 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74ALVC16374
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 8)
1.65 V ≤ VCC < 2.3 V
0.65 x VCC
V
2.3 V ≤ VCC ≤ 2.7 V
1.7
2.7 V < VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 8)
1.65 V ≤ VCC < 2.3 V
0.35 x VCC
V
2.3 V ≤ VCC ≤ 2.7 V
0.7
2.7 V < VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V ≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 1.65 V; IOH = −4 mA
1.2
VCC = 2.3 V; IOH = −6 mA
2.0
VCC = 2.3 V; IOH = −12 mA
1.7
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −12 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.0
VOL
LOW Level Output Voltage
1.65 V ≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 4 mA
0.45
VCC = 2.3 V; IOL = 6 mA
0.4
VCC = 2.3 V; IOL = 12 mA
0.7
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
1.65 V ≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 3.6 V
±5.0
mA
IOZ
3−State Output Current
1.65 V ≤ VCC ≤ 3.6 V; 0 V ≤ VO ≤ 3.6 V;
VI = VIH or VIL
±10
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 3.6 V
10
mA
ICC
Quiescent Supply Current (Note 9)
1.65 V ≤ VCC ≤ 3.6 V; VI = GND or VCC
40
mA
1.65 V ≤ VCC ≤ 3.6 V; 3.6 V ≤ VI, VO ≤ 3.6 V
±40
mA
DICC
Increase in ICC per Input
2.7 V < VCC ≤ 3.6 V; VIH = VCC − 0.6 V
750
mA
8. These values of VI are used to test DC electrical characteristics only.
9. Outputs disabled or 3−state only.


同様の部品番号 - 74ALVC16374

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374GX FAIRCHILD-74ALVC16374GX Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374MTD FAIRCHILD-74ALVC16374MTD Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
More results

同様の説明 - 74ALVC16374

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com