データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16240DTR データシート(PDF) 10 Page - ON Semiconductor

部品番号 74ALVCH16240DTR
部品情報  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16240DTR データシート(HTML) 10 Page - ON Semiconductor

Back Button 74ALVCH16240DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 9Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
74ALVCH16240
http://onsemi.com
10
PACKAGE DIMENSIONS
TSSOP
DT SUFFIX
CASE 1201−01
ISSUE A
S
U
M
0.12 (0.005)
V S
T
−V−
B
A
L
K
−U−
48X
REF
PIN 1
IDENT.
124
25
48
0.076 (0.003)
SEATING
D
−T−
PLANE
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.40
12.60
0.488
0.496
B
6.00
6.20
0.236
0.244
C
−−−
1.10
−−−
0.043
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.50 BSC
0.0197 BSC
H
0.37
−−−
0.015
−−−
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.17
0.27
0.007
0.011
K1
0.17
0.23
0.007
0.009
L
7.95
8.25
0.313
0.325
M
0
8
0
8
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSIONS A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
C
G
H
−W−
DETAIL E
J
K1
K
J1
SECTION N−N
M
0.25 (0.010)
F
DETAIL E
N
N
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
74ALVCH16240/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - 74ALVCH16240DTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCH16240DGGRE4 TI1-74ALVCH16240DGGRE4 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16240DTR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com