データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16374 データシート(PDF) 9 Page - ON Semiconductor

部品番号 74ALVCH16374
部品情報  Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16374 データシート(HTML) 9 Page - ON Semiconductor

Back Button 74ALVCH16374 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 9Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
74ALVCH16374
http://onsemi.com
9
TAPE TRAILER
(Connected to Reel Hub)
NO COMPONENTS
160 mm MIN
TAPE LEADER
NO COMPONENTS
400 mm MIN
COMPONENTS
DIRECTION OF FEED
CAVITY
TAPE
TOP TAPE
Figure 10. Tape Ends for Finished Goods
Figure 11. Reel Configuration
User Direction of Feed
L
Figure 12. Package Footprint
F
K
G
48 Leads


同様の部品番号 - 74ALVCH16374

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
More results

同様の説明 - 74ALVCH16374

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com