データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16374DTR データシート(PDF) 4 Page - ON Semiconductor

部品番号 74ALVCH16374DTR
部品情報  Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16374DTR データシート(HTML) 4 Page - ON Semiconductor

  74ALVCH16374DTR Datasheet HTML 1Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74ALVCH16374
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
TA = *405C to )855C
Unit
Min
Max
VIH
HIGH Level Input Voltage
(Note 8)
1.65 V v VCC t 2.3 V
0.65
VCC
V
2.3 V v VCC v 2.7 V
1.7
2.7 V t VCC v 3.6 V
2.0
VIL
LOW Level Input Voltage
(Note 8)
1.65 V v VCC t 2.3 V
0.35
VCC
V
2.3 V v VCC v 2.7 V
0.7
2.7 V t VCC v 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V v VCC v 3.6 V; IOH = *100 mA
VCC * 0.2
V
VCC = 1.65 V; IOH = *4 mA
1.2
VCC = 2.3 V; IOH = *6 mA
2.0
VCC = 2.3 V; IOH = *12 mA
1.7
VCC = 2.7 V; IOH = *12 mA
2.2
VCC = 3.0 V; IOH = *12 mA
2.4
VCC = 3.0 V; IOH = *24 mA
2.0
VOL
LOW Level Output Voltage
1.65 V v VCC v 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 4 mA
0.45
VCC = 2.3 V; IOL = 6 mA
0.4
VCC = 2.3 V; IOL = 12 mA
0.7
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
1.65 V v VCC v 3.6 V; 0 V v VI v 3.6 V
$5.0
mA
II(HOLD)
Minimum Bus−hold Input
Current
VCC = 3.6 V; VIN = 0 to 3.6 V
$500
mA
VCC = 3.0 V, VIN = 0.8 V
75
VCC = 3.0 V, VIN = 2.0 V
*75
VCC = 2.3 V, VIN = 0.7 V
45
VCC = 2.3 V, VIN = 1.7 V
*45
VCC = 1.65 V, VIN = 0.58 V
25
VCC = 1.65 V, VIN = 1.07 V
*25
IOZ
3−State Output Current
1.65 V v VCC v 3.6 V; 0 V v VO v 3.6 V; VI = VIH or VIL
$10
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 3.6 V
10
mA
ICC
Quiescent Supply Current
(Note 9)
1.65 V v VCC v 3.6 V; VI = GND or VCC
40
mA
1.65 V v VCC v 3.6 V; 3.6 V v VI, VO v 3.6 V
$40
DICC
Increase in ICC per Input
2.7 V t VCC ≤ 3.6 V; VIH = VCC * 0.6 V
750
mA
8. These values of VI are used to test DC electrical characteristics only.
9. Outputs disabled or 3−state only.


同様の部品番号 - 74ALVCH16374DTR

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16374DGG PHILIPS-74ALVCH16374DGG Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Nexperia B.V. All right...
74ALVCH16374DGG NEXPERIA-74ALVCH16374DGG Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
Texas Instruments
74ALVCH16374DGGRE4 TI-74ALVCH16374DGGRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ALVCH16374DGVRE4 TI-74ALVCH16374DGVRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16374DL PHILIPS-74ALVCH16374DL Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
More results

同様の説明 - 74ALVCH16374DTR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com