データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC00A データシート(PDF) 3 Page - ON Semiconductor

部品番号 74LVC00A
部品情報  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC00A データシート(HTML) 3 Page - ON Semiconductor

  74LVC00A Datasheet HTML 1Page - ON Semiconductor 74LVC00A Datasheet HTML 2Page - ON Semiconductor 74LVC00A Datasheet HTML 3Page - ON Semiconductor 74LVC00A Datasheet HTML 4Page - ON Semiconductor 74LVC00A Datasheet HTML 5Page - ON Semiconductor 74LVC00A Datasheet HTML 6Page - ON Semiconductor 74LVC00A Datasheet HTML 7Page - ON Semiconductor 74LVC00A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74LVC00A
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +6.5
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +6.5
V
VO
DC Output Voltage
−0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State
(Note 1)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
TL = 260
°C
TJ
Junction Temperature Under Bias
TJ = 135
°C
qJA
Thermal Resistance (Note 2)
SOIC = 85
TSSOP = 100
°C/W
MSL
Moisture Sensitivity
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
Operating
Functional
1.65
1.2
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
IOH
HIGH Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
−24
−12
mA
IOL
LOW Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
24
12
mA
TA
Operating Free−Air Temperature
−40
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 1.65 V to 2.7 V
VCC = 2.7 V to 3.6 V
0
0
20
10
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


同様の部品番号 - 74LVC00A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC00A PHILIPS-74LVC00A Datasheet
86Kb / 8P
   Quad 2-input NAND gate
1998 Apr 28
logo
STMicroelectronics
74LVC00A STMICROELECTRONICS-74LVC00A Datasheet
299Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE HIGH PERFORMANCE
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LVC00A NEXPERIA-74LVC00A Datasheet
235Kb / 12P
   Quad 2-input NAND gate
Rev. 9 - 17 September 2021
74LVC00A-Q100 NEXPERIA-74LVC00A-Q100 Datasheet
745Kb / 14P
   Quad 2-input NAND gate
More results

同様の説明 - 74LVC00A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com