データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC32ADR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 74LVC32ADR2G
部品情報  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC32ADR2G データシート(HTML) 1 Page - ON Semiconductor

  74LVC32ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 7Page - ON Semiconductor 74LVC32ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
74LVC32A/D
74LVC32A
Low-Voltage CMOS Quad
2-Input OR Gate
With 5 V−Tolerant Inputs
The 74LVC32A is a high performance, quad 2−input OR gate
operating from a 1.2 to 3.6 V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5 V allows 74LVC32A inputs to be safely driven
from 5.0 V devices.
Current drive capability is 24 mA at the outputs.
Features
Designed for 1.2 V to 3.6 V VCC Operation
5.0 V Tolerant Inputs − Interface Capability With 5.0 V TTL Logic
24 mA Output Sink and Source Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MARKING
DIAGRAMS
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
LVC32AG
AWLYWW
1
14
LVC
32A
ALYW
G
G
1
14
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)


同様の部品番号 - 74LVC32ADR2G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC32AD PHILIPS-74LVC32AD Datasheet
87Kb / 10P
   Quad 2-input OR gate
1997 Jun 30
logo
Nexperia B.V. All right...
74LVC32AD NEXPERIA-74LVC32AD Datasheet
236Kb / 13P
   Quad 2-input OR gate
Rev. 8 - 27 August 2021
74LVC32AD-Q100 NEXPERIA-74LVC32AD-Q100 Datasheet
224Kb / 13P
   Quad 2-input OR gate
logo
NXP Semiconductors
74LVC32ADB PHILIPS-74LVC32ADB Datasheet
87Kb / 10P
   Quad 2-input OR gate
1997 Jun 30
More results

同様の説明 - 74LVC32ADR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC00A ONSEMI-74LVC00A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com