データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA22 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TA22
部品情報  Ultra Precision Thin Film MELF Resistors10
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 データシート(HTML) 2 Page - Vishay Siliconix

  TA22 Datasheet HTML 1Page - Vishay Siliconix TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix TA22 Datasheet HTML 4Page - Vishay Siliconix TA22 Datasheet HTML 5Page - Vishay Siliconix TA22 Datasheet HTML 6Page - Vishay Siliconix TA22 Datasheet HTML 7Page - Vishay Siliconix TA22 Datasheet HTML 8Page - Vishay Siliconix TA22 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
2
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow
support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is
not exceeded. Furthermore a high level of ambient temperature or of power dissipation may raise the temperature of the solder
joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a lifetime limitation when operated within the limits of rated dissipation, permissible operating
voltage and permissible film temperature. However, the resistance typically increases due to the resistor’s film temperature over
operating time, generally known as drift. The drift may exceed the stability requirements of an individual application circuit and
thereby limits the functional lifetime.
Notes
• TCR 10 ppm/K and TCR 05 ppm/K is specified over the temperature range from -10 °C to +85 °C.
• UMA 0204: Approval to EN 140401-803, “Version A” is achieved for TCR 10 ppm/K with 0.25 % and 0.1 %.
MAXIMUM RESISTANCE AT RATED DISSIPATION
Operation mode
Precision
Standard
Rated dissipation, P70
UMA 0204
0.07 W
0.25 W
UMB 0207
0.11 W
0.4 W
Applied maximum film temperature,
F max.
85 °C
125 °C
Max. resistance change at rated dissipation
|
R/R max.|, after:
1000 h
 0.02 %
 0.05 %
8000 h
 0.05 %
 0.1 %
225 000 h
 0.15 %
 0.3 %
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE RANGE
E-SERIES
UMA 0204
± 15 ppm/K
±
0.05 %
47
 to 332 k
E192
± 10 ppm/K
±
0.25 %
22
 to 332 k
±
0.1 %
43
 to 332 k
± 0.05 %
75
 to 221 k
± 5 ppm/K
±
0.25 %
33
 to 221 k
±
0.1 %
56
 to 221 k
± 0.05 %
75
 to 150 k
± 0.02 %
75
 to 100 k
UMB 0207
± 15 ppm/K
±
0.05 %
100
 to 390 k
± 10 ppm/K
±
0.25 %
100
 to 390 k
±
0.1 %
100
 to 390 k
± 0.05 %
100
 to 390 k
± 5 ppm/K
±
0.25 %
270
 to 390 k
±
0.1 %
270
 to 390 k
± 0.05 %
270
 to 390 k
± 0.02 %
270
 to 390 k


同様の部品番号 - TA22

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22 VISHAY-TA22 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
logo
Beijing Yaohuadechang E...
TA22-100 YHDC-TA22-100 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Vishay Siliconix
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
More results

同様の説明 - TA22

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN WALSIN-WMXXN Datasheet
7Mb / 12P
   High Precision Power Thin Film MELF
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN_Q WALSIN-WMXXN_Q Datasheet
2Mb / 12P
   High Precision Power Thin Film MELF
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com