データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1838JM データシート(PDF) 1 Page - ON Semiconductor

部品番号 LB1838JM
部品情報  Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1838JM データシート(HTML) 1 Page - ON Semiconductor

  LB1838JM Datasheet HTML 1Page - ON Semiconductor LB1838JM Datasheet HTML 2Page - ON Semiconductor LB1838JM Datasheet HTML 3Page - ON Semiconductor LB1838JM Datasheet HTML 4Page - ON Semiconductor LB1838JM Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
31110 SY / 91207 MS PC 20070831-S00003 No.A0927-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LB1838JM
Overview
The LB1838JM is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications.
It has a wide operating temperature range of -40 to 80
°C and is ideal for 2-phase excitation bipolar stepping motor
driver IC used in automotive components (other than critical safety parts), consumer and industrial products, and many
other applications.
Features
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage ; 0.40V typ at 400mA).
• Through-current prevention circuit built in
• Separate logic power supply and motor power supply
• Spark killer diodes built in
• Thermal shutdown circuit built in
• Compact package (14-pin MFP)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
-0.3 to +10.5
V
Maximum supply voltage
VS max
-0.3 to +10.5
V
Output supply voltage
VOUT
VS to VSF
V
Input supply voltage
VIN
-0.3 to +10
V
GND pin flow-out current
IGND
Per channel
1.0
A
Pd max1
Independent IC
550
mW
Allowable power dissipation
Pd max2
* Mounted on a board.
800
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a substrate : 30
×30×1.5mm
3, glass epoxy board.
Monolithic Digital IC
Low-Saturation Bidirectional Motor Driver
for Low-Voltage Drive
Ordering number : ENA0927A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LB1838JM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
More results

同様の説明 - LB1838JM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB1933M ONSEMI-LB1933M Datasheet
60Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com