データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1301280112 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1301280112
部品情報  Woodhead FS Black Phenolic Resin Box, (2) 19.05mm (.750) Threaded Knock-out Openings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301280112 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1301280112 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301280112
Status:
Active
Overview:
Outlet Boxes
Description:
Woodhead® FS Black Phenolic Resin Box, (2) 19.05mm (.750") Threaded Knock-out
Openings
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
UL
E117594
General
Product Family
Power Distribution
Series
130128
Enclosure Rating
N/A
GFCI Reset
N/A
Mounting Style
Permanent
Open Neutral Relay
N/A
Overview
Outlet Boxes
Product Literature Order No
987650-7737
Product Name
Woodhead®
Receptacle Type
N/A
Type
FS Box - Industrial Duty
UPC
78678872451
Woodhead
Yes
Physical
Cord Diameter
N/A
Cord Grip Body Size
N/A
Cord Length
N/A
Feed-Thru
No
Flip Lid
No
Material - Housing
N/A
Number of Receptacles
0
Packaging Type
Carton
Electrical
Cord Type
N/A
Current - Maximum per Contact
N/A
GFCI
No
Ground Continuity Monitor
No
NEMA Configuration
N/A
Voltage - Maximum
N/A
Material Info
Old Part Number
451
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130128 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1301280112

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301280112 MOLEX-1301280112 Datasheet
44Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 19.05mm (.750") Threaded Knock-out Openings
09/10/2013
More results

同様の説明 - 1301280112

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130128-0112 MOLEX11-130128-0112 Datasheet
44Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 19.05mm (.750) Threaded Knock-out Openings
1301280112 MOLEX-1301280112 Datasheet
44Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 19.05mm (.750") Threaded Knock-out Openings
09/10/2013
1301280111 MOLEX11-1301280111 Datasheet
35Kb / 1P
   Woodhead FS Black Phenolic Resin Box, (2) 12.70mm (.500) Threaded Knock-out Openings
130128-0111 MOLEX11-130128-0111 Datasheet
42Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 12.70mm (.500) Threaded Knock-out Openings
130128-0115 MOLEX11-130128-0115 Datasheet
50Kb / 1P
   F.D. Gray Glass-Filled Polyester Box, (2) 19.05mm (.750) Threaded Knock-out Openings
1301280113 MOLEX11-1301280113 Datasheet
36Kb / 1P
   Woodhead FD Gray Glass-Filled Polyester Box, (2) 12.70mm (.500) Threaded Knock-out Openings
1301280118 MOLEX11-1301280118 Datasheet
36Kb / 1P
   Woodhead FD Gray Glass-Filled Polyester Box, (2) 25.40mm (1.000) Threaded Knock-out Openings
1301280117 MOLEX-1301280117 Datasheet
35Kb / 1P
   Woodhead® F.D. Yellow Glass-Filled Polyester Box, Corrosion -resistant, (2) 19.05mm (.750) Threaded Knock-out Openings, GFCI 20A/125V, with Watertite® Silicone
09/10/2013
130128-0113 MOLEX11-130128-0113 Datasheet
50Kb / 1P
   F.D. Gray Glass-Filled Polyester Box, (2)12.70mm (.500) Threaded Knock-out Openings
130128-0118 MOLEX11-130128-0118 Datasheet
50Kb / 1P
   F.D. Gray Glass-Filled Polyester Box, (2) 25.40mm (1.000) Threaded Knock-out Openings
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com