データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I2010AF-08TR データシート(PDF) 4 Page - ON Semiconductor

部品番号 I2010AF-08TR
部品情報  Low Frequency EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2010AF-08TR データシート(HTML) 4 Page - ON Semiconductor

  I2010AF-08TR Datasheet HTML 1Page - ON Semiconductor I2010AF-08TR Datasheet HTML 2Page - ON Semiconductor I2010AF-08TR Datasheet HTML 3Page - ON Semiconductor I2010AF-08TR Datasheet HTML 4Page - ON Semiconductor I2010AF-08TR Datasheet HTML 5Page - ON Semiconductor I2010AF-08TR Datasheet HTML 6Page - ON Semiconductor I2010AF-08TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P2010A
http://onsemi.com
4
Spread Spectrum Selection
Table 5 illustrates the possible spread spectrum options.
The optimal setting should minimize system EMI to the
fullest without affecting system performance. The spreading
is described as a percentage deviation of the center
frequency.
(Note: The center frequency is the frequency of the external
reference input on XIN / CLK, Pin 1).
Example of a Typical Printer or Scanner Application
that Operates on a Clock Frequency of 16 MHz:
A spreading selection of FS0=1 and SR0=1 provides a
percentage deviation of
±2.50%* (see Table 5) of Center
Frequency. This results in the frequency on ModOUT being
swept from 16.40 MHz to 15.60 MHz at a modulation rate
of 33.33 KHz (see Table 5). This particular example (see
Figure 2 below) given here is a common EMI reduction
method for scanner, printer or embedded applications and
has already been adopted by most of the leading
manufacturers.
NOTE: Spreading range selection varies from different system
manufacturers and their designs.
Figure 2. P2010A Application Schematic for Flat−Bed Scanner
P2010A
Connected to CLK input pin
of the system.
VDD
0.1 mF
16 MHz Crystal Input
VDD
SR0
ModOUT
SSON
XIN / CLK
XOUT
FS0
VSS
1
2
3
4
8
7
6
5


同様の部品番号 - I2010AF-08TR

メーカー部品番号データシート部品情報
logo
PulseCore Semiconductor
I2010AF-08TR PULSECORE-I2010AF-08TR Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
More results

同様の説明 - I2010AF-08TR

メーカー部品番号データシート部品情報
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
   A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
   Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com