データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS391SN2T1G データシート(PDF) 3 Page - ON Semiconductor

部品番号 TS391SN2T1G
部品情報  Low Power Single Voltage Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TS391SN2T1G データシート(HTML) 3 Page - ON Semiconductor

  TS391SN2T1G Datasheet HTML 1Page - ON Semiconductor TS391SN2T1G Datasheet HTML 2Page - ON Semiconductor TS391SN2T1G Datasheet HTML 3Page - ON Semiconductor TS391SN2T1G Datasheet HTML 4Page - ON Semiconductor TS391SN2T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS391, NCV391
www.onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (Vs=+5.0 V, At TA = +25°C)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
Vo = 1.4 V, RS =
0
W, VS = 5 V to
30 V
VCM = 0 to VCC −1.5 V
1
5
mV
VCM = 0 to VCC −2 V
9
mV
Input Bias Current
IIB
25
250
nA
400
nA
Input Offset Current
IOS
5
50
nA
150
nA
Input Common Mode
Range (Note 3)
VICR
0
VCC – 1.5
V
0
VCC – 2
V
Differential Input Voltage
(Note 4)
VID
VCC
V
OUTPUT CHARACTERISTICS
Output Voltage Low
VOL
VID = 1 V, IO = 4 mA
250
400
mV
700
mV
Output Sink Current
IO
VID = −1, VO = 1.5 V
6
16
mA
Output Leakage Current
IOH
VID = 1 V, VCC = VO = 5 V
0.1
nA
VID = 1 V, VCC = VO = 30 V
1
mA
DYNAMIC PERFORMANCE
Open Loop Voltage Gain
AVOL
VCC = 15 V, RPU = 15 kW
94
106
dB
Propagation Delay L−H
tPLH
5 mV overdrive, RPU = 5.1 kW
850
ns
20 mV overdrive, RPU = 5.1 kW
490
ns
100 mV overdrive, RPU = 5.1 kW
300
ns
TTL Input, Vref = +1.4 V,
RPU = 5.1 kW
220
ns
Propagation Delay H−L
tPHL
5 mV overdrive, RPU = 5.1 kW
620
ns
20 mV overdrive, RPU = 5.1 kW
400
ns
100 mV overdrive, RPU = 5.1 kW
250
ns
TTL Input, Vref = +1.4 V,
RPU = 5.1 kW
350
ns
POWER SUPPLY
Quiescent Current
ICC
VCC = 5 V
0.5
mA
VCC = 30 V
0.5
1.25
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. The input common mode voltage of either input signal should not be allowed to go negative by more than 0.3 V. The upper end of the common
mode voltage range is VCC – 1.5 V, but either or both inputs can go to +30 V without damage.
4. Positive excursions of the input voltage may exceed the power supply level. As long as the other voltage remains within the common mode
range, the comparator will provide a proper output stage. The low input voltage state must not be less than 0.3 V below the negative supply
rail.


同様の部品番号 - TS391SN2T1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TS391SN2T1G ONSEMI-TS391SN2T1G Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
More results

同様の説明 - TS391SN2T1G

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
   Low-power single voltage comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
logo
Unisonic Technologies
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com