データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP302 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP302
部品情報  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302 データシート(HTML) 6 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 2Page - Texas Instruments TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
40
35
30
25
20
15
10
5
0
Accuracy (
)
C
°
400
350
300
250
200
150
100
50
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature ( C)
°
120
100
80
60
40
20
0
0
5
10
15
20
25
30
Time (s)
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
160
180
200
Time (s)
2.0
1.5
1.0
0.5
0
-0.5
1.0
1.5
2.0
-
-
-
40
50
60
70
80
90
100
110
130
Temperature ( C)
°
120
16
14
12
10
8
6
4
2
0
-75
-50
-25
0
25
50
75
100
150
Temperature ( C)
°
125
V = 3.6 V
S
V = 3.3 V
S
V = 1.4 V
S
TMP302
SBOS488C – JUNE 2009 – REVISED AUGUST 2015
www.ti.com
6.6 Typical Characteristics
At TA = 25°C and VS = 3.3 V, unless otherwise noted.
30 typical units
Figure 1. Trip Accuracy Error vs Temperature
Figure 2. Quiescent Current vs Temperature
Figure 3. Temperature Step Response In
Figure 4. Thermal Step Response in Air at 100°C vs Time
Perfluorinated Fluid at 100°C vs Time
VS = 1.4 V, IOL = 2 mA
Figure 6. Output Logic-Level Low VOL vs Temperature
Figure 5. Trip Threshold Accuracy
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP302


同様の部品番号 - TMP302

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A TI1-TMP302A Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

同様の説明 - TMP302

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com