データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP302-Q1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP302-Q1
部品情報  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302-Q1 データシート(HTML) 1 Page - Texas Instruments

  TMP302-Q1 Datasheet HTML 1Page - Texas Instruments TMP302-Q1 Datasheet HTML 2Page - Texas Instruments TMP302-Q1 Datasheet HTML 3Page - Texas Instruments TMP302-Q1 Datasheet HTML 4Page - Texas Instruments TMP302-Q1 Datasheet HTML 5Page - Texas Instruments TMP302-Q1 Datasheet HTML 6Page - Texas Instruments TMP302-Q1 Datasheet HTML 7Page - Texas Instruments TMP302-Q1 Datasheet HTML 8Page - Texas Instruments TMP302-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
40
35
30
25
20
15
10
5
0
Accuracy (
)
C
°
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP302-Q1
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use,
Temperature Switch in MicroPackage
1 Features
3 Description
The TMP302-Q1 family of devices is a temperature
1
Qualified for Automotive Applications
switch in a micropackage (SOT563). The TMP302-Q1
AEC-Q100 Qualified With the Following Results:
family of devices offers low power (15
μA maximum)
Device Temperature Grade 1: –40ºC to 125ºC
and ease-of-use through pin-selectable trip points
Ambient Operating Temperature Range
and hysteresis.
Device HBM ESD Classification Level 2
These devices require no additional components for
operation;
they
can
function
independent
of
Device CDM ESD Classification Level C6
microprocessors or microcontrollers.
Low Power: 15
μA (max)
The TMP302-Q1 family of devices is available in
SOT563 Package: 1.6 mm × 1.6 mm × 0.6 mm
several different versions with trip points from 50ºC to
Trip-Point Accuracy: ±0.2°C (typ) from 40°C to
125ºC in increments of 5ºC (see the
125°C
Device Comparison Table).
Pin-Selectable Trip Points
Open-Drain Output, Active Low
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Selectable Hysteresis: 5°C or 10°C
TMP302-Q1
SOT563 (6)
1.60 mm × 1.20 mm
Low Supply Voltage Range: 1.4 to 3.6 V
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
Infotainment
Climate Control
Engine Control Unit
Automotive Black Box
Central Body Control Module
Airbag Control Unit
Thermal Monitoring
Electronic Protection Systems
Trip Threshold Accuracy
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TMP302-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302ADRLR TI-TMP302ADRLR Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302ADRLT TI-TMP302ADRLT Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

同様の説明 - TMP302-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com