データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP302B-Q1 データシート(PDF) 7 Page - Texas Instruments

部品番号 TMP302B-Q1
部品情報  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302B-Q1 データシート(HTML) 7 Page - Texas Instruments

Back Button TMP302B-Q1 Datasheet HTML 3Page - Texas Instruments TMP302B-Q1 Datasheet HTML 4Page - Texas Instruments TMP302B-Q1 Datasheet HTML 5Page - Texas Instruments TMP302B-Q1 Datasheet HTML 6Page - Texas Instruments TMP302B-Q1 Datasheet HTML 7Page - Texas Instruments TMP302B-Q1 Datasheet HTML 8Page - Texas Instruments TMP302B-Q1 Datasheet HTML 9Page - Texas Instruments TMP302B-Q1 Datasheet HTML 10Page - Texas Instruments TMP302B-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TRIPSET0
Temperature
Threshold and
Hysteresis
Temperature
Sensor
Comparator
Alert
Bias
TRIPSET1
GROUND
OUT
VS
HYSTSET
TMP302-Q1
www.ti.com
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
8 Detailed Description
8.1 Overview
The TMP302-Q1 temperature switch is optimal for ultra low-power applications that require accurate trip
thresholds. A temperature switch is a device that issues an alert response when a temperature threshold is
reached or exceeded. The trip thresholds are programmable to four different settings using the TRIPSET1 and
TRIPSET0 pins. Table 1 lists the pin settings versus trip points.
Table 1. Trip Point versus TRIPSET1 and TRIPSET0
TRIPSET1
TRIPSET0
TMP302A-Q1
TMP302B-Q1
TMP302C-Q1
TMP302D-Q1
GND
GND
50°C
70°C
90°C
110°C
GND
VS
55°C
75°C
95°C
115°C
VS
GND
60°C
80°C
100°C
120°C
VS
VS
65°C
85°C
105°C
125°C
8.2 Functional Block Diagram
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP302-Q1


同様の部品番号 - TMP302B-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP302B TI-TMP302B Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302BDRLR TI-TMP302BDRLR Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302BDRLT TI-TMP302BDRLT Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

同様の説明 - TMP302B-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com