データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP513 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP513
部品情報  Temperature and Power Supply System Monitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP513 データシート(HTML) 8 Page - Texas Instruments

Back Button TMP513 Datasheet HTML 4Page - Texas Instruments TMP513 Datasheet HTML 5Page - Texas Instruments TMP513 Datasheet HTML 6Page - Texas Instruments TMP513 Datasheet HTML 7Page - Texas Instruments TMP513 Datasheet HTML 8Page - Texas Instruments TMP513 Datasheet HTML 9Page - Texas Instruments TMP513 Datasheet HTML 10Page - Texas Instruments TMP513 Datasheet HTML 11Page - Texas Instruments TMP513 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
-40 -25
0
25
50
75
100
125
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
Ambient Temperature ( C)
?
34 Units Shown
10
100
1k
10k
100k
1M
InputFrequency(Hz)
0
10
20
30
40
50
60
70
80
90
100
-
-
-
-
-
-
-
-
-
-
-40 -25
0
25
50
75
100
Ambient Temperature ( C)
°
125
14 Units Shown
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
-
40 -25
0
25
50
75
100
Temperature( C)
°
125
15
10
5
0
5
10
15
-
-
-
40mVRange
80mVRange
160mVRange
320mVRange
-40 -25
0
25
50
75
100
Temperature( C)
°
125
250
200
150
100
50
0
50
100
-
-
320mVRange
160mVRange
80mVRange
40mVRange
-40 -25
0
25
50
75
100
Temperature ( C)
°
125
32V Range
16V Range
35
30
25
20
15
10
5
0
5
10
15
-
-
-
TMP512
TMP513
SBOS491A
– JUNE 2010 – REVISED MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS: V+ = +12V
At TA = +25°C, V+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG = 1, unless otherwise noted.
FREQUENCY RESPONSE
REMOTE TEMPERATURE ERROR vs TEMPERATURE
Figure 1.
Figure 2.
LOCAL TEMPERATURE ERROR vs TEMPERATURE
SHUNT OFFSET vs TEMPERATURE
Figure 3.
Figure 4.
SHUNT GAIN ERROR vs TEMPERATURE
BUS VOLTAGE OFFSET vs TEMPERATURE
Figure 5.
Figure 6.
8
Copyright
© 2010–2011, Texas Instruments Incorporated


同様の部品番号 - TMP513

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP513 TI-TMP513 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513 TI-TMP513 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AID TI-TMP513AID Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AID TI-TMP513AID Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AIDR TI-TMP513AIDR Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

同様の説明 - TMP513

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Maxim Integrated Produc...
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com