データシートサーチシステム |
|
TMP512 データシート(PDF) 4 Page - Texas Instruments |
|
|
TMP512 データシート(HTML) 4 Page - Texas Instruments |
4 / 61 page TMP512 TMP513 SBOS491A – JUNE 2010 – REVISED MAY 2011 www.ti.com ELECTRICAL CHARACTERISTICS: V+ = +12V Boldface limits apply over the specified temperature range, TA = –40°C to +125°C. At TA = +25°C, V+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG (1) = 1, unless otherwise noted. TMP512, TMP513 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT INPUT Current Sense (Input) Voltage Range PGA = ÷ 1 0 ±40 mV PGA = ÷ 2 0 ±80 mV PGA = ÷ 4 0 ±160 mV PGA = ÷ 8 0 ±320 mV Bus Voltage (Input Voltage) Range(2) BRNG = 0 0 16 V BRNG = 1 0 32 V Common-Mode Rejection CMRR VIN+ = 0V to 26V 100 120 dB Offset Voltage, RTI(3) VOS PGA = ÷ 1 ±10 ±100 μV PGA = ÷ 2 ±20 ±125 μV PGA = ÷ 4 ±30 ±150 μV PGA = ÷ 8 ±40 ±200 μV vs Temperature 0.2 μV/°C V+ = 3V to 5.5V, Configuration 3(4) 10 μV/V vs Power Supply PSRR V+ = 4.5V to 26V, subregulator supply 0.1 μV/V Current Sense Gain Error ±0.04 % vs Temperature 0.0025 % Input Impedance Active Mode VIN+ Pin 20 μA VIN– Pin 20 || 320 μA || kΩ Input Leakage Power-Down Mode VIN+ Pin 0.1 0.5 μA VIN– Pin 0.1 0.5 μA DC ACCURACY ADC Basic Resolution 12 Bits 1 LSB Step Size Shunt Voltage 10 μV Bus Voltage 4 mV Current Measurement Error ±0.2 ±0.5 % over Temperature ±1 % Bus Voltage Measurement Error ±0.2 ±0.5 % over Temperature ±1 % Differential Nonlinearity ±0.1 LSB ADC TIMING ADC Conversion Time 12-Bit 665 733 μs 11-Bit 345 380 μs 10-Bit 185 204 μs 9-Bit 105 117 μs (1) BRNG is bit 13 of Configuration Register 1. (2) This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26V be applied to this device. (3) Referred-to-input (RTI). (4) See Subregulator section. 4 Copyright © 2010–2011, Texas Instruments Incorporated |
同様の部品番号 - TMP512 |
|
同様の説明 - TMP512 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |