データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS28226D データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS28226D
部品情報  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226D データシート(HTML) 9 Page - Texas Instruments

Back Button TPS28226D Datasheet HTML 5Page - Texas Instruments TPS28226D Datasheet HTML 6Page - Texas Instruments TPS28226D Datasheet HTML 7Page - Texas Instruments TPS28226D Datasheet HTML 8Page - Texas Instruments TPS28226D Datasheet HTML 9Page - Texas Instruments TPS28226D Datasheet HTML 10Page - Texas Instruments TPS28226D Datasheet HTML 11Page - Texas Instruments TPS28226D Datasheet HTML 12Page - Texas Instruments TPS28226D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
PWM
UGATE
LGATE
t ± Time ± 10 ns/div
VDD = 7.2 V, CL = 3 nF, TJ = 25
oC
PWM
UGATE
LGATE
t ± Time ± 10 ns/div
VDD = 7.2 V, CL = 3 nF, TJ = 25
oC
FSW - Switching Frequency - kHz
0
15
5
10
100
300
500
700
1500 1700
900
1100
1900
1300
0
200
1000
1200
400
600
800
100
300
500
700
1500 1700
FSW - Switching Frequency - kHz
900
1100
1900
1300
UG = 25 nC,
LG = 50 nC
UG = 50 nC, LG = 50 nC
UG = 25 nC,
LG = 100 nC
0
5
25
30
10
15
20
-40
125
TJ - Temperature - °C
25
0.5
0.8
1.0
1.3
0.6
0.7
0.9
1.1
1.2
-40
125
TJ - Temperature - °C
25
TPS28226
www.ti.com
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
VDD = 7.2 V
CLOAD = 3 nF
VDD = 7.2 V
IF = 100 mA
Figure 12. UGATE Minimum Short Pulse vs Temperature
Figure 13. Bootstrap Diode Forward Voltage vs Temperature
Different Load
VDD = 7.2 V
TJ = 25°C
No Load
VDD = 7.2 V
TJ = 25°C
Charge
Figure 14. Bias Supply Current vs Switching Frequency
Figure 15. Driver Dissipated Power vs Switching Frequency
Figure 16. PWM Input Rising Switching Waveforms
Figure 17. PWM Input Falling Switching Waveforms
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS28226


同様の部品番号 - TPS28226D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS28226D TI-TPS28226D Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

同様の説明 - TPS28226D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com