データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4754AP データシート(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

部品番号 1N4754AP
部品情報  1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
ホームページ  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

1N4754AP データシート(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  1N4754AP Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 1N4754AP Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. 1N4754AP Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
FEATURES
* Glass passivated chip
* Low leakage
* Built-in strain relief
* Low inductance
* High peak reverse power dissipation
* For use in stabilizing and clipping
circuits with high power rating
MECHANICAL DATA
* Case: Molded plastic
* Epoxy:UL 90V-0 rate flame reardant
* Terminals: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes positive end
* Mounting Position: Any
Dimensions in inches and (millimeters)
* Weight: 0.33 gram
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
SYMBOL
UNIT
DC Power Dissipation at TL=50℃ (Note 1)
PD
Watt
Junction Temperature Range
TJ
Storage Temperature Range
TS
*Valid provided that leads at a distance of 10mm from case kept at ambient temperature.
Typical Thermal Resistance (Note 2)
K/mW
Forward Voltage Range at 0.2A DC
V
Note:
(1) TL=Lead temperayure at 3/8" (9.5mm) from boby
(2) Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
Amps
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
Max.
VALUE
1
-55 to 175
-55 to 175
PARAMETER
RΘJA
VF
Min.
-
-
1N4736AP THRU 1N4764AP
Typ.
170
1.2
-
-
0.033
0.028
[0.84
0.71
]
0.117
0.090
[2.97
2.29
]
MIN
MIN
DIA.
DIA.
0.205
0.165
[5.21
4.19
]
1.000 [25.40]
1.000 [25.40]
PB FREE PRODUCT


同様の部品番号 - 1N4754AP

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4754AP MICROSEMI-1N4754AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
1N4754AP MCC-1N4754AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
More results

同様の説明 - 1N4754AP

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
   2 W Glass Passivated Zener Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com