データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM72295 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM72295
部品情報  SM72295 Photovoltaic Full Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM72295 データシート(HTML) 1 Page - Texas Instruments

  SM72295 Datasheet HTML 1Page - Texas Instruments SM72295 Datasheet HTML 2Page - Texas Instruments SM72295 Datasheet HTML 3Page - Texas Instruments SM72295 Datasheet HTML 4Page - Texas Instruments SM72295 Datasheet HTML 5Page - Texas Instruments SM72295 Datasheet HTML 6Page - Texas Instruments SM72295 Datasheet HTML 7Page - Texas Instruments SM72295 Datasheet HTML 8Page - Texas Instruments SM72295 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PV
+
-
Vin
Vout
+
-
R13
C6
1
uF
R5
500
C3
1
uF
R7
500
R8
500
R3
40k
R4
40k
R9
10k
C2
C7
5V
C1
10V
optional
optional
C8
10 nF
C4
0.47 uF
R15
10m
R10
R14
C5
0.47 uF
R11
R16
10m
R12
R6
500
C10
10n
SM72295
www.ti.com
SNVS688E – OCTOBER 2010 – REVISED APRIL 2013
SM72295 Photovoltaic Full Bridge Driver
Check for Samples: SM72295
1
FEATURES
DESCRIPTION
The SM72295 is designed to drive 4 discrete N type
2
Renewable Energy Grade
MOSFET’s in a full bridge configuration. The drivers
Dual Half Bridge MOSFET Drivers
provide 3A of peak current for fast efficient switching
Integrated 100V Bootstrap Diodes
and integrated high speed bootstrap diodes. Current
sensing is provided by 2 transconductance amplifiers
Independent High and Low Driver Logic Inputs
with externally programmable gain and filtering to
Bootstrap Supply Voltage Range up to 115V
remove ripple current to provide average current
DC
information to the control circuit. The current sense
Two Current Sense Amplifiers with Externally
amplifiers have buffered outputs available to provide
Programmable Gain and Buffered Outputs
a low impedance interface to an A/D converter if
needed. An externally programmable input over
Programmable Over Voltage Protection
voltage comparator is also included to shutdown all
Supply Rail Under-Voltage Lockouts with
outputs. Under voltage lockout with a PGOOD
Power Good Indicator
indicator prevents the drivers from operating if VCC is
too low.
PACKAGE
SOIC-28
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SM72295

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
SM72295 NSC-SM72295 Datasheet
465Kb / 12P
   Photovoltaic Full Bridge Driver
logo
Texas Instruments
SM72295 TI-SM72295 Datasheet
841Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
logo
National Semiconductor ...
SM72295E NSC-SM72295E Datasheet
465Kb / 12P
   Photovoltaic Full Bridge Driver
logo
Texas Instruments
SM72295MA TI-SM72295MA Datasheet
841Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295MA-NOPB TI-SM72295MA-NOPB Datasheet
861Kb / 16P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
More results

同様の説明 - SM72295

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM72295MA-NOPB TI-SM72295MA-NOPB Datasheet
861Kb / 16P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295MA TI-SM72295MA Datasheet
841Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
logo
National Semiconductor ...
SM72295 NSC-SM72295 Datasheet
465Kb / 12P
   Photovoltaic Full Bridge Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
   DMOS FULL BRIDGE DRIVER
July 2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
   DMOS FULL BRIDGE DRIVER
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com