データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP20 データシート(PDF) 10 Page - Texas Instruments

部品番号 TMP20
部品情報  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP20 データシート(HTML) 10 Page - Texas Instruments

Back Button TMP20_15 Datasheet HTML 6Page - Texas Instruments TMP20_15 Datasheet HTML 7Page - Texas Instruments TMP20_15 Datasheet HTML 8Page - Texas Instruments TMP20_15 Datasheet HTML 9Page - Texas Instruments TMP20_15 Datasheet HTML 10Page - Texas Instruments TMP20_15 Datasheet HTML 11Page - Texas Instruments TMP20_15 Datasheet HTML 12Page - Texas Instruments TMP20_15 Datasheet HTML 13Page - Texas Instruments TMP20_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TMP20
SBOS466 – DECEMBER 2009
www.ti.com
LAYOUT INFORMATION
Figure 15 illustrates a layout of the TMP20 with
proper
electrical
connections
and
poor
thermal
The substrate on the TMP20AIDCK package is
connections to ground.
directly connected via conductive epoxy to the flag
which connects pin 2 (GND) on the lead frame.
Consequently, pin 2 (GND) is the best lead for a
conductive thermal connection to the TMP20 die. In
addition, the optimal electrical connection for this pin
is ground (GND).
Do
NOT
attempt
to
connect pin 2 to any
electrical potential other
than ground.
If it is not possible to connect pin 2 to ground, it is
also possible to electrically isolate this pin (that is,
leave it floating); however, be very cautious in doing
this
because
any
noise
or
electromagnetic
interference or radio frequency interference (EMI/RFI)
spikes that couple in through this pin can cause
erroneous temperature results.
Figure 14 shows a proper layout of the TMP20 with
correct electrical and thermal connections of pin 2.
Figure 15. TMP20 Layout with Proper Electrical
and Poor Thermal Connections to Ground
Figure 14. TMP20 Layout with Proper Electrical
and Thermal Connections for Pin 2
space
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP20


同様の部品番号 - TMP20_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP20AIDCKR TI1-TMP20AIDCKR Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDCKT TI1-TMP20AIDCKT Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDRLR TI1-TMP20AIDRLR Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDRLT TI1-TMP20AIDRLT Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20F2810PBKAEP TI-TMP20F2810PBKAEP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
More results

同様の説明 - TMP20_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP20 TI1-TMP20 Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
TMP9A00-EP TI-TMP9A00-EP Datasheet
1Mb / 21P
[Old version datasheet]   TMP9A00-EP 짹2.5 째C Low-Power, Analog Out Temperature Sensor
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com