データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72717PW-H データシート(PDF) 18 Page - ON Semiconductor

部品番号 LC72717PW-H
部品情報  Mobile FM Multiplex Broadcast Receiver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW-H データシート(HTML) 18 Page - ON Semiconductor

Back Button LC72717PW-H Datasheet HTML 14Page - ON Semiconductor LC72717PW-H Datasheet HTML 15Page - ON Semiconductor LC72717PW-H Datasheet HTML 16Page - ON Semiconductor LC72717PW-H Datasheet HTML 17Page - ON Semiconductor LC72717PW-H Datasheet HTML 18Page - ON Semiconductor LC72717PW-H Datasheet HTML 19Page - ON Semiconductor LC72717PW-H Datasheet HTML 20Page - ON Semiconductor LC72717PW-H Datasheet HTML 21Page - ON Semiconductor LC72717PW-H Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
LC72717PW
No.A2064-18/27
 5h <CTL2>: Control register 2 <Write Only>
Register to control the parallel IF setting, vertically-corrected data output method, etc.
ADR
Register Name
Bit
Name
Description
Reset
5h
CTL2
7
Reserved
Either keep an initial value or set it to 0.
0
6
BLK_RST
Block synchronization circuit reset setting *1
1: Reset ON
0: Reset OFF
0 to be set to cancel reset
0
5
DACK
DACK signal polarity setting (effective for SP=L only)
0: Negative logic for DACK signal polarity
1: Positive logic for DACK signal polarity
0
4
DREQ
DREQ signal polarity setting (effective for SP=L only)
0: Negative logic for DREQ signal polarity
1: Positive logic for DREQ signal polarity
0
3
RDY
RDY signal timing setting (effective for SP=L only)
0: Outputs the RDY signal in the timing 1.
1: Outputs the RDY signal in the timing 2.
0
2
VEC_OUT
Vertically error corrected data output method changeover setting *2
0: No vertically error corrected output if vertical error correction has not been made
1: All data output even when vertical error correction has not been made
0
1
DMA_RD
DMA read control signal selection setting (effective for SP=L only)
0: RD signal used
1: DACK signal used
0
0
DMA
DMA transmission function enable setting (effective for SP=L only)
0: DMA transmission not used for reading of corrected data
1: DMA transmission used for reading of corrected data
0
*1 With BLK_RST=1, the block synchronization state and block synchronization protection counter value are cleared.
But this does not affect the functions related to frame synchronization.
*2 With VEC_OUT=1, one frame of data completely free from error. The data similar to the horizontally-corrected data
is output in the timing of output of vertically-corrected data even when vertical correction has not been made.
 6h <CRC4>: Layer 4 CRC register <Write Only>
Register for data group writing to check the layer 4 CRC.
Used on with the parallel IF. The dedicated CCB address is to be used for CCB IF.
ADR
Register Name
Bit
Name
Description
Reset
6h
CRC4
7
CRCDAT7
Layer 4 CRC check data setting
By writing value consecutively into this register, the layer 4 CRC check of data
group comprising multiple bytes can be made.
The CRC checked results can be known by checking the CRC4 flag in the status
register or CRC4 pin output.
0
6
CRCDAT6
0
5
CRCDAT5
0
4
CRCDAT4
0
3
CRCDAT3
0
2
CRCDAT2
0
1
CRCDAT1
0
0
CRCDAT0
0


同様の部品番号 - LC72717PW-H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC72717PW-H ONSEMI-LC72717PW-H Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results

同様の説明 - LC72717PW-H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com