データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-400C-E データシート(PDF) 9 Page - ON Semiconductor

部品番号 STK672-400C-E
部品情報  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-400C-E データシート(HTML) 9 Page - ON Semiconductor

Back Button STK672-400C-E Datasheet HTML 5Page - ON Semiconductor STK672-400C-E Datasheet HTML 6Page - ON Semiconductor STK672-400C-E Datasheet HTML 7Page - ON Semiconductor STK672-400C-E Datasheet HTML 8Page - ON Semiconductor STK672-400C-E Datasheet HTML 9Page - ON Semiconductor STK672-400C-E Datasheet HTML 10Page - ON Semiconductor STK672-400C-E Datasheet HTML 11Page - ON Semiconductor STK672-400C-E Datasheet HTML 12Page - ON Semiconductor STK672-400C-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK672-400C-E
No.A2136-9/19
Usage Notes
1. Input pins and functional overview
[Input pins]
Hybrid IC pin No.
Symbol
Function
Pin type
19
Vref
Current setting
Input impedance: 200k
Ω (typical)
10, 11, 17
MODE1, MODE2, MODE3
Excitation mode setting
TTL level Schmitt input
12
CLK
Phase switching clock
(speed command)
Same as the above
13
CWB
Motor direction setting
Same as the above
14
RESET
System reset
Same as the above
15
ENABLE
Motor current off
Same as the above
2. Input signal functions
[CLK (Phase switching clock)]
(1) Input frequency: DC to 50kHz
(2) Minimum pulse width: 10
μs
(3) Pulse width duty: 40 to 60%
(4) Pin circuit type: TTL level Schmitt trigger input
(5) A multi-stage noise exclusion circuit is included.
(6) Function
• M3:1
When M3 is 1:The excitation phase is advanced one step on each CLK signal rising edge.
• M3:0
When M3 is 0:The excitation phase is advanced one step alternately on each CLK signal rising or falling edge.
• Timing chart
[CWB (Motor direction setting)]
(1) Pin circuit type: TTL level Schmitt trigger input
(2) Function
• When CWB = 0: The motor turns in the clockwise direction
• When CWB = 1: The motor turns in the counterclockwise direction
(3) Note: The value of the CWB input must not be changed in the period from 7
μs before a CLK input rising or falling
edge until 7
μs after that edge.
[ENABLE (Forces the excitation drive outputs A, AB, B, and BB to the off state and selects the hybrid IC's internal
state to be operating or hold)]
(1) Pin circuit type: TTL level Schmitt trigger input
(2) Function
a) When ENABLE is 1: Normal operating state
b) When ENABLE is 0: The motor current is turned off and the excitation drive output is turned off forcibly. At
this time, the hybrid IC's system clock is stopped and the hybrid IC is not influenced by
changes to any input pins other than the reset input.
Excitation counter up/down
CLK input
System clock
Phase excitation
counter clock
Control output timing
Control output switching timing


同様の部品番号 - STK672-400C-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-400C-E SANYO-STK672-400C-E Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

同様の説明 - STK672-400C-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com