データシートサーチシステム |
|
AM29F016D-70FI データシート(PDF) 2 Page - Advanced Micro Devices |
|
AM29F016D-70FI データシート(HTML) 2 Page - Advanced Micro Devices |
2 / 45 page This Data Sheet states AMD’s current technical specifications regarding the Product described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 21444 Rev: E Amendment/+2 Issue Date: March 23, 2001 Am29F016D 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory DISTINCTIVE CHARACTERISTICS s 5.0 V ± 10%, single power supply operation — Minimizes system level power requirements s Manufactured on 0.23 µm process technology — Compatible with 0.5 µm Am29F016 and 0.32 µm Am29F016B devices s High performance — Access times as fast as 70 ns s Low power consumption — 25 mA typical active read current — 30 mA typical program/erase current — 1 µA typical standby current (standard access time to active mode) s Flexible sector architecture — 32 uniform sectors of 64 Kbytes each — Any combination of sectors can be erased — Supports full chip erase — Group sector protection: A hardware method of locking sector groups to prevent any program or erase operations within that sector group Temporary Sector Group Unprotect allows code changes in previously locked sectors s Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies bytes at specified addresses s Unlock Bypass Program Command — Reduces overall programming time when issuing multiple program command sequences s Minimum 1,000,000 program/erase cycles per sector guaranteed s 20-year data retention at 125 °C — Reliable operation for the life of the system s Package options — 48-pin and 40-pin TSOP — 44-pin SO — Known Good Die (KGD) (see publication number 21551) s Compatible with JEDEC standards — Pinout and software compatible with single-power-supply Flash standard — Superior inadvertent write protection s Data# Polling and toggle bits — Provides a software method of detecting program or erase cycle completion s Ready/Busy# output (RY/BY#) — Provides a hardware method for detecting program or erase cycle completion s Erase Suspend/Erase Resume — Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation s Hardware reset pin (RESET#) — Resets internal state machine to the read mode |
同様の部品番号 - AM29F016D-70FI |
|
同様の説明 - AM29F016D-70FI |