データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1301120116 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1301120116
部品情報  Guard Closed-End with Reflector Yellow Vinyl, 100W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301120116 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1301120116 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301120116
Status:
Active
Overview:
Lighting Accessories
Description:
Guard Closed-End with Reflector Yellow Vinyl, 100W
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678847370
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
General
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
#8 Gauge Vinyl Coated Steel
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
1255RIG
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130112 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1301120116

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301120113 MOLEX11-1301120113 Datasheet
30Kb / 1P
   Guard Closed-End no Reflector Yellow Vinyl, 100W
More results

同様の説明 - 1301120116

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130112-0087 MOLEX11-130112-0087 Datasheet
33Kb / 1P
   100W Guard Closed-End with Reflector Yellow Vinyl
130112-0116 MOLEX11-130112-0116 Datasheet
33Kb / 1P
   Guard Closed-End with Reflector Yellow Vinyl, 100W
1301120087 MOLEX11-1301120087 Datasheet
25Kb / 1P
   100W Guard Closed-End with Reflector Yellow Vinyl
1301120113 MOLEX11-1301120113 Datasheet
30Kb / 1P
   Guard Closed-End no Reflector Yellow Vinyl, 100W
130112-0113 MOLEX11-130112-0113 Datasheet
38Kb / 1P
   Guard Closed-End no Reflector Yellow Vinyl, 100W
130112-0081 MOLEX11-130112-0081 Datasheet
33Kb / 1P
   100W Guard Closed-End no Reflector Yellow Vinyl
130112-0091 MOLEX11-130112-0091 Datasheet
33Kb / 1P
   300W Guard Closed-End with Reflector Yellow Vinyl
1301120101 MOLEX11-1301120101 Datasheet
35Kb / 1P
   100W Guard Open-End with Reflector Yellow Vinyl Coating
130112-0101 MOLEX11-130112-0101 Datasheet
42Kb / 1P
   100W Guard Open-End with Reflector Yellow Vinyl Coating
130112-0084 MOLEX11-130112-0084 Datasheet
37Kb / 1P
   300W Guard Closed-End no Reflector Yellow Vinyl
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com