データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1301120246 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1301120246
部品情報  Guard Only (LITE-A-SITE), Polypropylene
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301120246 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1301120246 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301120246
Status:
Active
Overview:
Lighting Accessories
Description:
Guard Only (LITE-A-SITE), Polypropylene
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Literature Order No
987650-8055
Product Name
Woodhead®
Type
Accessory
UPC
78678879982
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
109.22mm (4.300")
Duty
Commercial
Guard Included
No
Guard Type
N/A
Height
165.10mm (6.500”)
Length
N/A
Material - Guard
Polypropylene
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
A21
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
STR101
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130112 Series
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1301120246

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301120032 MOLEX11-1301120032 Datasheet
43Kb / 1P
   Replacement Cover Glass for Watertite Enclosed Wide Area Light
1301120038 MOLEX11-1301120038 Datasheet
43Kb / 1P
   Replacement Guard Ring for Pro-Yellow 20W Halogen Magnet Mount Machine Light - 8540M
1301120039 MOLEX11-1301120039 Datasheet
43Kb / 1P
   End Cap Replacement Part Assembly for 1080H
1301120040 MOLEX11-1301120040 Datasheet
43Kb / 1P
   Handle Assembly for 1083-3, On/Off Switch
1301120068 MOLEX11-1301120068 Datasheet
30Kb / 1P
   1083-3 with Switch (Head Only) New-Style, Industrial Duty
More results

同様の説明 - 1301120246

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130112-0246 MOLEX11-130112-0246 Datasheet
60Kb / 1P
   Guard Only (LITE-A-SITE)
1301110037 MOLEX11-1301110037 Datasheet
60Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
130111-0037 MOLEX11-130111-0037 Datasheet
31Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
130111-0036 MOLEX11-130111-0036 Datasheet
31Kb / 1P
   LITE-A-SITE Guy Wire Assembly
1301110036 MOLEX11-1301110036 Datasheet
43Kb / 1P
   LITE-A-SITE Guy Wire Assembly
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com