データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6629MDC データシート(PDF) 7 Page - Texas Instruments

部品番号 LMH6629MDC
部品情報  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MDC データシート(HTML) 7 Page - Texas Instruments

Back Button LMH6629MDC Datasheet HTML 3Page - Texas Instruments LMH6629MDC Datasheet HTML 4Page - Texas Instruments LMH6629MDC Datasheet HTML 5Page - Texas Instruments LMH6629MDC Datasheet HTML 6Page - Texas Instruments LMH6629MDC Datasheet HTML 7Page - Texas Instruments LMH6629MDC Datasheet HTML 8Page - Texas Instruments LMH6629MDC Datasheet HTML 9Page - Texas Instruments LMH6629MDC Datasheet HTML 10Page - Texas Instruments LMH6629MDC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
LMH6629
www.ti.com
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
Electrical Characteristics 5V (continued)
The following specifications apply for single supply with VS = 5 V, RL = 100 Ω terminated to 2.5 V, gain = 10V/V, VO = 2VPP,
VCM = VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted.
(1)
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN(2)
TYP(3)
MAX(2)
DIGITAL INPUTS/TIMING
Logic low-voltage
VIL
PD and COMP pins, WSON-8 package
0.8
threshold
V
Logic high-voltage
VIH
PD and COMP pins, WSON-8 package
2.5
threshold
−23
−28
−34
Logic Low-bias
PD and COMP pins = 0.8 V,
IIL
current
WSON-8 package(6)
-40°C
≤ TJ ≤ +125°C
−19
−38
µA
−16
−22
−27
Logic High-bias
PD and COMP pins = 2.5 V,
IIH
current
WSON-8 package(6)
-40°C
≤ TJ ≤ +125°C
−14
−29
Ten
Enable time
75
WSON-8 package
ns
Tdis
Disable time
80
POWER REQUIREMENTS
No Load, Normal Operation (PD
15.5
16.7
Pin = HI or open for WSON-8
-40°C
≤ TJ ≤ +125°C
18.2
package)
IS
Supply current
mA
1.1
1.85
No Load, Shutdown (PD Pin =LO
for WSON-8 package)
-40°C
≤ TJ ≤ +125°C
2.0
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6629


同様の部品番号 - LMH6629MDC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6629MF NSC-LMH6629MF Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFE NSC-LMH6629MFE Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629MFENOPB TI1-LMH6629MFENOPB Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFNOPB TI1-LMH6629MFNOPB Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFXNOPB TI1-LMH6629MFXNOPB Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
More results

同様の説明 - LMH6629MDC

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6629 TI1-LMH6629_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
   Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com