データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMP92064 データシート(PDF) 4 Page - Texas Instruments

部品番号 LMP92064
部品情報  LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMP92064 データシート(HTML) 4 Page - Texas Instruments

  LMP92064_15 Datasheet HTML 1Page - Texas Instruments LMP92064_15 Datasheet HTML 2Page - Texas Instruments LMP92064_15 Datasheet HTML 3Page - Texas Instruments LMP92064_15 Datasheet HTML 4Page - Texas Instruments LMP92064_15 Datasheet HTML 5Page - Texas Instruments LMP92064_15 Datasheet HTML 6Page - Texas Instruments LMP92064_15 Datasheet HTML 7Page - Texas Instruments LMP92064_15 Datasheet HTML 8Page - Texas Instruments LMP92064_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMP92064
SNOSCX0A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
(2)
MIN
MAX
UNIT
Analog Supply Voltage (VDD)
–0.3
6.0
V
Digital Supply Voltage (VDIG)
VDD-0.3
VDD+0.3
Voltage at Input Pins(3)
–0.3
VDD+0.3
V
Junction Temperature
150
°C
Mounting temperature
Infrared or convection (20 sec)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
All voltages are measured with respect to GND = DGND = 0 V, unless otherwise specified.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
When the input voltage (VIN), at any pin exceeds power supplies (VIN < GND or VIN > VDD), the current at that pin must not exceed 5
mA, and the voltage (VIN) at that pin must not exceed 6.0 V. See Pin Description for additional details of input circuitry.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Analog Supply Voltage (VDD)
4.5
5.5
V
Digital Supply Voltage (VDIG)
VDD
VDD
V
Temperature Range
–40
105
ºC
(1)
All voltages are measured with respect to GND = DGND = 0 V, unless otherwise specified.
6.4 Thermal Information
Over operating free-air temperature range (unless otherwise noted)
LMP92064
THERMAL METRIC(1)
NHR
UNIT
16 PINS
RθJA
Package thermal resistance(2)
44
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7. The maximum power dissipation must be de-rated at
elevated temperatures and is dictated by TJ(MAX) , θ JA, and the ambient temperature, TA. The maximum allowable power dissipation
PDMAX = (TJ(MAX) - TA )/ θJA or the number given in Absolute Maximum Ratings, whichever is lower.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LMP92064


同様の部品番号 - LMP92064_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMP92064SD TI1-LMP92064SD Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD/NOPB TI1-LMP92064SD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE TI1-LMP92064SDE Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE/NOPB TI1-LMP92064SDE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDX TI1-LMP92064SDX Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
More results

同様の説明 - LMP92064_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
[Old version datasheet]   Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
   High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
logo
Unisonic Technologies
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
   Bidirectional precision high-side current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com