データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM75BIM-5 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM75BIM-5
部品情報  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM75BIM-5 データシート(HTML) 3 Page - Texas Instruments

  LM75BIM-5 Datasheet HTML 1Page - Texas Instruments LM75BIM-5 Datasheet HTML 2Page - Texas Instruments LM75BIM-5 Datasheet HTML 3Page - Texas Instruments LM75BIM-5 Datasheet HTML 4Page - Texas Instruments LM75BIM-5 Datasheet HTML 5Page - Texas Instruments LM75BIM-5 Datasheet HTML 6Page - Texas Instruments LM75BIM-5 Datasheet HTML 7Page - Texas Instruments LM75BIM-5 Datasheet HTML 8Page - Texas Instruments LM75BIM-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
D and DGK Packages
8-Pin SOIC, VSSOP
Top View
Pin Functions
PIN
DESCRIPTION
TYPICAL CONNECTION
NO.
NAME
I2C Serial Bi-Directional Data Line.
1
SDA
From Controller, tied to a pullup resistor or current source
Open Drain.
2
SCL
I2C Clock Input
From Controller, tied to a pullup resistor or current source
Over temperature Shutdown.
3
O.S.
Pullup Resistor, Controller Interrupt Line
Open Drain Output
4
GND
Power Supply Ground
Ground
5
A2
6
A1
User-Set I2C Address Inputs
Ground (Low, 0) or +VS (High, 1)
7
A0
DC Voltage from 3 V to 5.5 V; 100-nF bypass capacitor with 10-µF
8
+VS
Positive Supply Voltage Input
bulk capacitance in the near vicinity
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Pin (+VS)
−0.3
6.5
V
−0.3
(+VS + 0.3) and must
V
Voltage at A0, A1and A2 Pins
be
≤ 6.5
Voltage at O.S., SCL and SDA Pins
−0.3
6.5
V
Input Current at any Pin(2)
5
mA
Package Input Current(2)
20
mA
O.S. Output Sink Current
10
mA
Storage temperature, Tstg
–65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20-mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM75B LM75C


同様の部品番号 - LM75BIM-5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM75BIM-5 NSC-LM75BIM-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIM-5 NSC-LM75BIM-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIM-5 TI-LM75BIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIM-5 TI1-LM75BIM-5 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIM-5++ MAXIM-LM75BIM-5+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

同様の説明 - LM75BIM-5

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com