データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3904 データシート(PDF) 2 Page - AUK corp

部品番号 2N3904
部品情報  NPN Silicon Transistor (General small signal application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp

2N3904 データシート(HTML) 2 Page - AUK corp

  2N3904 Datasheet HTML 1Page - AUK corp 2N3904 Datasheet HTML 2Page - AUK corp 2N3904 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-9010-000
2
2N3904
Absolute maximum ratings
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6V
Collector current
IC
200
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=10µA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=10µA, IC=0
6
-
-
V
Collector cut-off current
I
CEX
V
CE=30V, VEB=3V
-
-
50
nA
DC current gain
h
FE
V
CE=1V, IC=10mA
100
-
300
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=50mA, IB=5mA
-
-
0.3
V
Transition frequency
f
T
V
CE=20V, IC=10mA,
f=100MHz
300
-
-
MHz
Collector output capacitance
C
ob
V
CB=5V, IE=0, f=1MHz
-
-
4
pF
Delay time
t
d
--
35
ns
Rise time
t
r
V
CC=3Vdc, VBE(off)=0.5Vdc.
I
C=10mAdc, IB1=1mAdc
--
35
ns
Storage time
t
s
-
-
200
ns
Fall Time
t
f
V
CC=3Vdc,IC=10mAdc,
I
B1=IB2=1mAdc
--
50
ns


同様の部品番号 - 2N3904

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Daya Electric Group Co....
2N3904 DAYA-2N3904 Datasheet
188Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

同様の説明 - 2N3904

メーカー部品番号データシート部品情報
logo
AUK corp
2N3906 AUK-2N3906 Datasheet
52Kb / 3P
   PNP Silicon Transistor (General small signal application Switching application)
2SC5343 AUK-2SC5343 Datasheet
231Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343E AUK-2SC5343E Datasheet
94Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343M AUK-2SC5343M Datasheet
214Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343EF AUK-2SC5343EF Datasheet
221Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343SF AUK-2SC5343SF Datasheet
214Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343UF AUK-2SC5343UF Datasheet
214Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
2SC5343U AUK-2SC5343U Datasheet
214Kb / 4P
   NPN Silicon Transistor (General small signal amplifier)
logo
KODENSHI_AUK CORP.
SBT3904 KODENSHI-SBT3904 Datasheet
234Kb / 4P
   General small signal application
2N3906 KODENSHI-2N3906 Datasheet
58Kb / 3P
   General small signal application
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com